Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT7233 Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT7233
Description  4A, 18V, 650kHz, ACOTTM Synchronous Step-Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7233 Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT7233 Datasheet HTML 8Page - Richtek Technology Corporation RT7233 Datasheet HTML 9Page - Richtek Technology Corporation RT7233 Datasheet HTML 10Page - Richtek Technology Corporation RT7233 Datasheet HTML 11Page - Richtek Technology Corporation RT7233 Datasheet HTML 12Page - Richtek Technology Corporation RT7233 Datasheet HTML 13Page - Richtek Technology Corporation RT7233 Datasheet HTML 14Page - Richtek Technology Corporation RT7233 Datasheet HTML 15Page - Richtek Technology Corporation RT7233 Datasheet HTML 16Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
RT7231/32/33/34
12
DS7231/32/33/34-00
March 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Application Information
The RT7231/32/33/34 is a synchronous high voltage Buck
converter that can support the input voltage range from
4.5V to 18V and the output current up to 2A. It adopts
ACOTTM mode control to provide a very fast transient
response with few external compensation components.
PWM Operation
It is suitable for low external component count
configuration with appropriate amount of Equivalent Series
Resistance (ESR) capacitors at the output. The output
ripple valley voltage is monitored at a feedback point
voltage. The synchronous high side MOSFET is turned
on at the beginning of each cycle. After the internal
on-time expires, the MOSFET is turned off. The pulse
width of this on-time is determined by the converter's input
and output voltages to keep the frequency fairly constant
over the entire input voltage range.
Advanced Constant On-Time Control
The RT7231/32/33/34 has a unique circuit which sets the
on-time by monitoring the input voltage and SW signal.
The circuit ensures the switching frequency operating at
700kHz over input voltage range and loading range.
Soft-Start
The RT7231/32/33/34 contains an external soft-start clamp
that gradually raises the output voltage. The soft-start
timing can be programmed by the external capacitor
between the SS and GND pins. The chip provides a 2
μA
charge current for the external capacitor. If a 3.9nF
capacitor is used, the soft-start will be 2.6ms (typ.). The
available capacitance range is from 2.7nF to 220nF.
SS
SS
C5 (nF) 1.365
t
(ms) =
I
( A)
×
μ
Chip Enable Operation
The EN pin is the chip enable input. Pulling the EN pin
low (<0.4V) will shut down the device. During shutdown
mode, the RT7231/32/33/34's quiescent current drops to
lower than 10
μA. Driving the EN pin high (>1.6V, <18V)
will turn on the device again. For external timing control,
Figure 3. Resistor Divider for Lockout Threshold Setting
To prevent enabling circuit when VIN is smaller than the
VOUT target value, a resistive voltage divider can be placed
between the input voltage and ground and connected to
the EN pin to adjust IC lockout threshold, as shown in
Figure 3. For example, if an 8V output voltage is regulated
from a 12V input voltage, the resistor REN2 can be selected
to set input lockout threshold larger than 8V.
Figure 1. External Timing Control
An external MOSFET can be added to implement digital
control on the EN pin when no system voltage above 2V
is available, as shown in Figure 2. In this case, a 100k
Ω
pull-up resistor, REN, is connected between the VIN and
EN pins. MOSFET Q1 will be under logic control to pull
down the EN pin.
Figure 2. Digital Enable Control Circuit
the EN pin can also be externally pulled high by adding a
REN resistor and CEN capacitor from the VIN pin (see Figure
1).
RT7231/32/33/34
EN
GND
VIN
REN
CEN
EN
EN
GND
100k
VIN
REN
Q1
EN
RT7231/32/33/34
EN
GND
VIN
REN1
REN2
RT7231/32/33/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com