Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC1197LP7FE Datasheet(PDF) 9 Page - Hittite Microwave Corporation

Part # HMC1197LP7FE
Description  Fixed Wireless or WLL
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC1197LP7FE Datasheet(HTML) 9 Page - Hittite Microwave Corporation

Back Button HMC1197LP7FE Datasheet HTML 5Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 6Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 7Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 8Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 9Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 10Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 11Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 12Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 13Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
9
HMC1197LP7FE
v00.0912
WIDEBAND DIRECT QUADRATURE MODULATOR
w/ FRACTIONAL-N PLL & VCO, 100 - 4000 MHz
Fractional-N Spurious Performance
@ 2646.96 MHz Exact Frequency Mode ON [1]
Figure of Merit for PLL/VCO
Auxiliary LO Output, Open Loop Phase
Noise vs. Frequency
Auxiliary LO Output, Open Loop Phase
Noise vs. Frequency
Auxiliary LO Output, Open Loop Phase
Noise vs. Temperature
[1] 122.88 MHz clock input, PFD = 61.44 MHz, Channel Spacing = 240 KHz
Fractional-N Spurious
Performance @ 2646.96 MHz
Exact Frequency Mode OFF [1]
-180
-160
-140
-120
-100
-80
-60
-40
1
10
100
1000
10000
100000
3862 MHz
3643 MHz
3491 MHz
3044 MHz
2558 MHz
2129 MHz
OFFSET (KHz)
-180
-160
-140
-120
-100
-80
-60
-40
1
10
100
1000
10000
100000
3862.4 Mhz
3643.33 MHz
3491.74 MHz
3044 MHz
2558 MHz
2129.4 MHz
OFFSET (KHz)
-180
-160
-140
-120
-100
-80
-60
-40
1
10
100
1000
10000
100000
OFFSET (KHz)
-180
-170
-160
-150
-140
-130
-120
-110
-100
100
1000
+25 C
-40 C
+85 C
FREQUENCY (MHz)
300
30
100 MHz Offset
1 MHz Offset
100 kHz Offset
4000
-240
-230
-220
-210
-200
100
1000
10
4
10
5
10
6
FREQUENY OFFSET (Hz)
FOM Floor
FOM 1/f Noise
Typ FOM vs Offset
-180
-160
-140
-120
-100
-80
-60
-40
1
10
100
1000
10000
100000
OFFSET (KHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com