Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC1197LP7FE Datasheet(PDF) 29 Page - Hittite Microwave Corporation

Part # HMC1197LP7FE
Description  Fixed Wireless or WLL
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC1197LP7FE Datasheet(HTML) 29 Page - Hittite Microwave Corporation

Back Button HMC1197LP7FE Datasheet HTML 25Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 26Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 27Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 28Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 29Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 30Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 31Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 32Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 33Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
29
HMC1197LP7FE
v00.0912
WIDEBAND DIRECT QUADRATURE MODULATOR
w/ FRACTIONAL-N PLL & VCO, 100 - 4000 MHz
LO harmonic filter’s 16 user programmable bands enable the user to optimally attenuate 2nd and/or 3rd LO harmonics
in order to maximize sideband rejection performance.
Table 1. The frequency band selection for optimal 3rd harmonic attenuation.
Frequency
(MHz)
≤500
600
700
800
900/1000
1100
1200
1300
1400
1500
1600
1700
≥1800
Filter Bank
Selection
0
1
4
6
7
8
9
11
12
13
13
14
15
Table 2. The frequency band selection for optimal 2nd harmonic attenuation.
Frequency
(MHz)
≤700 800/900 1000 1100 1200/1300/1400 1500/1600/1700 1800 1900 2000 2100 2200/2300 2400/2500/2600 ≥2700
Filter Bank
Selection
0
1
4
5
7
8
9
10
11
12
13
14
15
Uncalibrated sideband rejection can be further improved by empirically selecting the filter bank that provides the
highest rejection for a given frequency . See Table 3 and Figure 4.
Table 3. Empirical filter band selection.
Frequency
(MHz)
≤500
600
700
800
900
1000/1100
1200 1300/1400/1500 1600 1700/1800 1900/2000
>2000
Filter Bank
Selection
0
1
5
7
8
0
7
8
9
10
11
15
-70
-60
-50
-40
-30
-20
-10
0
0
1000
2000
3000
4000
3rd Harmonic Suppression
2nd Harmonic Suppression
Empirical Band Selection
FREQUENCY (MHz)
Figure 4. Sideband suppression vs. frequency for different filter band selections.
The filter bank selection process for optimal sideband rejection performance also depends on the LO power level at
the output of the PLL/VCO. LO power in this example set to maximum power level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com