Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4532IPW Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # THS4532IPW
Description  Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4532IPW Datasheet(HTML) 35 Page - Texas Instruments

Back Button THS4532IPW Datasheet HTML 31Page - Texas Instruments THS4532IPW Datasheet HTML 32Page - Texas Instruments THS4532IPW Datasheet HTML 33Page - Texas Instruments THS4532IPW Datasheet HTML 34Page - Texas Instruments THS4532IPW Datasheet HTML 35Page - Texas Instruments THS4532IPW Datasheet HTML 36Page - Texas Instruments THS4532IPW Datasheet HTML 37Page - Texas Instruments THS4532IPW Datasheet HTML 38Page - Texas Instruments THS4532IPW Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
2 k
2 k
0.22 F
5V
THS4532
VOUT+
40.2
VOUT±
40.2
From Analyzer
VIN+
VIN±
+
±
VOCM
100 pF
2 k
1 nF
1 nF
100 pF
2.7 nF
2 k
To Analyzer
PCM4204
0
50m
100m
150m
200m
0
1
2
3
4
5
0
0.5
1
1.5
2
2.5
Time (s)
Power Down
VOUT +
VOUT −
VS = 5 V
G = 2 V/V
RF = 2 kΩ
RL = 200 Ω
G074
THS4532
www.ti.com
SLOS829 – FEBRUARY 2013
Figure 89. PD Enable Pop Performance
AUDIO ADC DRIVER PERFORMANCE: THS4532 AND PCM4204 COMBINED PERFORMANCE
To show achievable performance with a high performance audio ADC, the THS4532 is tested as the drive
amplifier for the PCM4204. The PCM4204 is a high-performance, four-channel analog-to-digital (A/D) converter
designed for professional and broadcast audio applications. The PCM4204 architecture utilizes a 1-bit delta-
sigma modulator per channel incorporating an advanced dither scheme for improved dynamic performance, and
supports PCM output data. The PCM4204 provides flexible serial port interface and many other advanced
features. Please refer to its data sheet for more information.
The PCM4204 EVM is used to test the audio performance of the THS4532 as a drive amplifier. The standard
PCM4204 EVM is provided with 4x OPA1632 fully differential amplifiers, which use the same pin out as the
THS4532. For testing, one of these amplifiers is replaced with a THS4532 device in same package (MSOP), gain
changed to 1V/V, and power supply changed to single supply +5V. Figure 90 shows the circuit. With single
supply +5V supply the output common-mode of the THS4532 defaults to +2.5V as required at the input of the
PCM4204. So the resistor connecting the VOCM input of the THS4532 to the input common-mode drive from the
PCM4204 is optional and no performance change was noted with it connected or removed. The EVM power
connections were modified by connecting positive supply inputs, +15V, +5VA and +5VD, to a +5V external power
supply (EXT +3.3 was not used) and connecting -15V and all ground inputs to ground on the external power
supply so only one external +5V supply was needed to power all devices on the EVM.
Figure 90. THS4532 and PCM4204 Test Circuit
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links :THS4532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com