Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4532IPW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # THS4532IPW
Description  Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4532IPW Datasheet(HTML) 5 Page - Texas Instruments

  THS4532IPW Datasheet HTML 1Page - Texas Instruments THS4532IPW Datasheet HTML 2Page - Texas Instruments THS4532IPW Datasheet HTML 3Page - Texas Instruments THS4532IPW Datasheet HTML 4Page - Texas Instruments THS4532IPW Datasheet HTML 5Page - Texas Instruments THS4532IPW Datasheet HTML 6Page - Texas Instruments THS4532IPW Datasheet HTML 7Page - Texas Instruments THS4532IPW Datasheet HTML 8Page - Texas Instruments THS4532IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
THS4532
www.ti.com
SLOS829 – FEBRUARY 2013
ELECTRICAL CHARACTERISTICS: VS = 2.7 V (continued)
Test conditions at TA = 25°C, VS+ = 2.7 V, VS– = 0 V, VOCM = open, VOUT = 2 VPP, RF = 2 kΩ, RL = 2 kΩ differential, G = 1 V/V,
single-ended input, differential output, and input and output referenced to mid-supply, unless otherwise noted.
TEST
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LEVEL(1)
POWER SUPPLY
Specified operating voltage
2.5
5.5
V
B
TA = +25°C, PD = VS+
230
330
A
Quiescent operating current/ch
µA
TA = –40°C to +125°C, PD = VS+
270
370
B
Power-supply rejection (PSRR)
87
108
dB
A
POWER DOWN
Enable voltage threshold
Specified on above 2.1 V
2.1
V
A
Disable voltage threshold
Specified off below 0.7 V
0.7
A
Disable pin bias current
PD = VS– + 0.5 V
50
500
nA
A
Power-down quiescent current
PD = VS– + 0.5 V
0.5
2
µA
A
Turn-on time delay
Time from PD = high to VOUT = 90% of final
650
value, RL= 200 Ω
ns
C
Time from PD = low to VOUT = 10% of original
Turn-off time delay
20
value, RL= 200 Ω
OUTPUT COMMON-MODE VOLTAGE CONTROL (VOCM)
Small-signal bandwidth
VOCM input = 100 mVPP
23
MHz
C
Slew rate
VOCM input = 1 VSTEP
14
V/µs
C
Gain
0.99
0.996
1.01
V/V
A
Common-mode offset voltage
Offset = output common-mode voltage – VOCM
±1
±5
mV
A
input voltage
VOCM input bias current
VOCM = (VS+ – VS–)/2
±20
±100
nA
A
VOCM input voltage range
0.8
0.75 to
1.75
V
A
1.9
VOCM input impedance
100 || 1.6
k
Ω || pF
C
Default voltage offset from
Offset = output common-mode voltage –
±3
±10
mV
A
(VS+ – VS–)/2
(VS+ – VS–)/2
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links :THS4532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com