Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4532IPWR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # THS4532IPWR
Description  Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4532IPWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS4532IPWR Datasheet HTML 7Page - Texas Instruments THS4532IPWR Datasheet HTML 8Page - Texas Instruments THS4532IPWR Datasheet HTML 9Page - Texas Instruments THS4532IPWR Datasheet HTML 10Page - Texas Instruments THS4532IPWR Datasheet HTML 11Page - Texas Instruments THS4532IPWR Datasheet HTML 12Page - Texas Instruments THS4532IPWR Datasheet HTML 13Page - Texas Instruments THS4532IPWR Datasheet HTML 14Page - Texas Instruments THS4532IPWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
0
50
100
150
200
250
0
1
2
3
4
5
6
Differential VOUT (V)
Rising
Falling
VS = 2.7 V
G = 2 V/V
RF = 2 kΩ
RL = 200 Ω
G053
0
100
200
300
400
500
600
700
800
900 1000
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
−4
−3
−2
−1
0
1
2
3
4
Time (ns)
VIN
VOUT
VS = 2.7 V
G = 2 V/V
RF = 2 kΩ
RL = 2 kΩ
G005
−1.5
−1
−0.5
0
0.5
1
1.5
0
20
40
60
80
100
Time (ns)
0.5-V Step
2-V Step
VS = 2.7 V
G = 1 V/V
RF = 2 kΩ
RL = 2 kΩ
G003
0
50
100
150
200
250
300
350
400
0
0.5
1
1.5
2
2.5
Differential VOUT (V)
Rising
Falling
VS = 2.7 V
G = 2 V/V
RF = 2 kΩ
RL = 200 Ω
G004
−21
−18
−15
−12
−9
−6
−3
0
3
6
9
12
15
18
21
100k
1M
10M
100M
Frequency (Hz)
G = 1 V/V
G = 2 V/V
G = 5 V/V
G = 10 V/V
VS = 2.7 V
G = 1 V/V
RF = 2 kΩ
RL = 2 kΩ
VOUT = 100 mVpp
G001
−21
−18
−15
−12
−9
−6
−3
0
3
6
9
12
15
18
21
100k
1M
10M
100M
Frequency (Hz)
G = 1 V/V
G = 2 V/V
G = 5 V/V
G = 10 V/V
VS = 2.7 V
G = 1 V/V
RF = 2 kΩ
RL = 2 kΩ
VOUT = 2 Vpp
G002
THS4532
www.ti.com
SLOS829 – FEBRUARY 2013
TYPICAL CHARACTERISTICS: VS = 2.7V
Test conditions unless otherwise noted: VS+ = 2.7 V, VS– = 0V, CM = open, VOUT = 2Vpp, RF = 2kΩ, RL = 2kΩ Differential, G =
1V/V, Single-Ended Input, Differential Output, Input and Output Referenced to mid-supply unless otherwise noted.
SMALL-SIGNAL FREQUENCY RESPONSE
LARGE-SIGNAL FREQUENCY RESPONSE
Figure 2.
Figure 3.
SINGLE-ENDED SLEW RATE
vs
LARGE- and SMALL-SIGNAL PULSE RESPONSE
VOUT STEP
Figure 4.
Figure 5.
DIFFERENTIAL SLEW RATE
vs
VOUT STEP
OVERDRIVE RECOVERY
Figure 6.
Figure 7.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links :THS4532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com