Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4532IPWR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # THS4532IPWR
Description  Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4532IPWR Datasheet(HTML) 14 Page - Texas Instruments

Back Button THS4532IPWR Datasheet HTML 10Page - Texas Instruments THS4532IPWR Datasheet HTML 11Page - Texas Instruments THS4532IPWR Datasheet HTML 12Page - Texas Instruments THS4532IPWR Datasheet HTML 13Page - Texas Instruments THS4532IPWR Datasheet HTML 14Page - Texas Instruments THS4532IPWR Datasheet HTML 15Page - Texas Instruments THS4532IPWR Datasheet HTML 16Page - Texas Instruments THS4532IPWR Datasheet HTML 17Page - Texas Instruments THS4532IPWR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
10
100
1k
10k
100k
1M
0.1
1
10
100
0.1
1
10
100
Frequency (Hz)
Voltage Noise
Current Noise
G021
10
100
1k
10k
100k
1M
10M
100M
0
10
20
30
40
50
60
70
80
90
100
110
120
−180
−135
−90
−45
0
Frequency (Hz)
Magnitude
Phase
G022
0
200
400
600
800
1000
0
1
2
3
0
0.5
1
1.5
Time (ns)
Power Down
VOUT
VS = 2.7 V
G = 1 V/V
RF = 2 kΩ
RL = 200 Ω
G019
0
10
20
30
40
50
0
1
2
3
0
0.5
1
1.5
Time (ns)
Power Down
VOUT
VS = 2.7 V
G = 1 V/V
RF = 2 kΩ
RL = 200 Ω
G020
−100
−90
−80
−70
−60
−50
−40
−30
−20
100k
1M
10M
30M
Frequency (Hz)
CMRR
PSRR
VS = 2.7 V
G = 1 V/V
RF = 2 kΩ
RL = 2 kΩ
G018
−160
−140
−120
−100
−80
−60
−40
−20
0
1k
10k
100k
1M
10M 30M
Frequency (Hz)
VS = 2.7 V
G = 1 V/V
RF = 2 kΩ
RL = 2 kΩ
VOUT = 2 Vpp
G099
THS4532
SLOS829 – FEBRUARY 2013
www.ti.com
TYPICAL CHARACTERISTICS: VS = 2.7V (continued)
Test conditions unless otherwise noted: VS+ = 2.7 V, VS– = 0V, CM = open, VOUT = 2Vpp, RF = 2kΩ, RL = 2kΩ Differential, G =
1V/V, Single-Ended Input, Differential Output, Input and Output Referenced to mid-supply unless otherwise noted.
REJECTION RATIO
CROSSTALK
vs
vs
FREQUENCY
FREQUENCY
Figure 20.
Figure 21.
TURN-ON TIME
TURN-OFF TIME
Figure 22.
Figure 23.
MAIN AMPLIFIER DIFFERENTIAL
INPUT-REFERRED VOLTAGE NOISE
OPEN-LOOP GAIN and PHASE
and
vs
CURRENT NOISE SPECTRAL DENSITY
FREQUENCY
Figure 24.
Figure 25.
14
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :THS4532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com