Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22981RGPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22981RGPR
Description  3.3V to 18V Thunderbolt Power Mux
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22981RGPR Datasheet(HTML) 4 Page - Texas Instruments

  TPS22981RGPR Datasheet HTML 1Page - Texas Instruments TPS22981RGPR Datasheet HTML 2Page - Texas Instruments TPS22981RGPR Datasheet HTML 3Page - Texas Instruments TPS22981RGPR Datasheet HTML 4Page - Texas Instruments TPS22981RGPR Datasheet HTML 5Page - Texas Instruments TPS22981RGPR Datasheet HTML 6Page - Texas Instruments TPS22981RGPR Datasheet HTML 7Page - Texas Instruments TPS22981RGPR Datasheet HTML 8Page - Texas Instruments TPS22981RGPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
TPS22981
SLVSBM6 – DECEMBER 2012
www.ti.com
ELECTRICAL CHARACTERISTICS
Unless otherwise noted the specification applies over the VDD range and operating junction temp –40°C ≤ TJ ≤ 85°C. Typical
values are for V3P3 = 3.3V, VHV = 15V, and TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLIES AND CURRENTS
V3P3
V3P3 Input voltage range
3
3.3
3.6
V
VHV
VHV Input voltage range
4.5
19.8
V
IVHVACT
Active quiescent current from VHV
HV_EN = 1, EN = 1
150
µA
IVHVSD
Shutdown leakage current from VHV
HV_EN = 0, EN = 0 or 1
60
µA
IDDACT
EN = 1, HV_EN = 0
500
µA
Active quiescent current from V3P3
IDDACTHV
EN = 1, HV_EN = 1
500
µA
IDDSD
Shutdown quiescent current from V3P3
EN = 0, OUT = 0 V
30
µA
IDIS
OUT Discharge current
EN = 1, VHV = 5V, HV_EN = 1→0
5
10
mA
V = 0 V
1
IIN
HV_EN, EN, ENHVU, S0, S3 Input pin leakage
µA
V = V3P3
1
SWITCH AND RESISTANCE CHARACTERISTICS
RSHV
VHV Switch resistance
VHV = 5V to 18V, IVHV = 0.9A
250
m
Ω
RS3P3
V3P3 Switch resistance
V3P3 = 3.3 V, IV3P3 = 0.9 A
125
m
Ω
RS3P3BYP
V3P3 Bypass switch resistance
V3P3 = 3.3 V, IV3P3 = 500 mA
500
m
Ω
VOLFAULTZ
FAULTZ VOL
IFAULTZ = 250 µA
0.6
V
VOLTAGE THRESHOLDS
VHV Input falling
3.6
4
VHVUVLO
VHV Under voltage lockout
V
VHV Input rising
4
4.3
V3P3 Input falling
1.8
2.25
V3P3UVLO
V3P3 Under voltage lockout
V
V3P3 Input rising
2.25
2.5
VFAULTZVAL
V3P3 Voltage for valid FAULTZ
EN = 1
1.8
V
THERMAL SHUTDOWN
TSD
Shutdown temperature
110
120
130
°C
TSDHYST
Shutdown hysteresis
10
°C
CURRENT LIMIT
RSET_S0,3 = 402 kΩ
(1)
80
100
120
ILIMHV
VHV Switch current limit state S0 or S3
RSET_S0,3 = 80.6 kΩ
(1)
446
496
546
mA
RSET_S0,3 = 26.7 kΩ
(1)
1423
1498
1573
ILIMVHVMAX
Maximum VHV switch current limit
RSET_S0,3 = 0 Ω
1.8
2.4
3.1
A
RSET_V3P3 = 402 kΩ
(1)
80
100
120
ILIM3P3
V3P3 Switch current limit
RSET_V3P3 = 80.6 kΩ
(1)
446
496
546
mA
RSET_V3P3 = 26.7 kΩ
(1)
1423
1498
1573
ILIM3P3MAX
Maximum V3P3 switch current limit
RSET_V3P3 = 0Ω
1.8
2.4
3.1
A
IREV3P3
V3P3 Switch reverse current limit
10
40
85
mA
TV3P3RC
V3P3 Switch reverse current response time
VOUT = V3P3→V3P3 + 20 mV
100
µs
TVHVSC
VHV Switch short circuit response time
COUT ≤ 20 pF
8
µs
TV3P3SC
V3P3 Switch short circuit response time
COUT ≤ 20 pF
8
µs
TRANSITION DELAYS
T3P3OFF
VHV to V3P3 Off time
COUT = 1.1 µF, EN = 1, HV_EN = 1→0
6
ms
T0-3.3V
0V to 3.3V Ramp time
COUT ≤ 20 pF
6
ms
T3.3V-VHV
3.3V to VHV Ramp time
COUT ≤ 20 pF
6
ms
TVHV-3.3V
VHV to 3.3V Ramp time
COUT ≤ 20 pF
23
ms
TLIM
Overcurrent response time
COUT ≤ 20 pF, IOUT = 6 A
0.5
ms
(1)
Equation 1 is used to calculate the required resistance for a given minimum ILIM. The nearest 1% resistance is chosen and the
corresponding ILIM variance is shown.
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TPS22981



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com