Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22981RGPR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22981RGPR
Description  3.3V to 18V Thunderbolt Power Mux
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22981RGPR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS22981RGPR Datasheet HTML 10Page - Texas Instruments TPS22981RGPR Datasheet HTML 11Page - Texas Instruments TPS22981RGPR Datasheet HTML 12Page - Texas Instruments TPS22981RGPR Datasheet HTML 13Page - Texas Instruments TPS22981RGPR Datasheet HTML 14Page - Texas Instruments TPS22981RGPR Datasheet HTML 15Page - Texas Instruments TPS22981RGPR Datasheet HTML 16Page - Texas Instruments TPS22981RGPR Datasheet HTML 17Page - Texas Instruments TPS22981RGPR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
TPS22981
SLVSBM6 – DECEMBER 2012
www.ti.com
FAULTZ Output
The TPS22981 has an open-drain FAULTZ output. When the device is in a fault condition, the FAULTZ output
will pull low. Connect FAULTZ through a pull-up resistance to V3P3. A Fault occurs during any of the following
conditions.
•
EN = 1 and V3P3 is in UVLO (device enabled and V3P3 is in an under-voltage condition)
•
EN = 1 and in Thermal Shutdown condition
•
EN = 1, HV_EN = 1, and VHV is in UVLO (device enabled, high voltage enabled, and VHV is in an under-
voltage condition)
Table 3 shows these conditions and the resulting FAULTZ output. Note, when V3P3 is below the UVLO
threshold, FAULTZ will be 0 when EN=1 or 1 when EN=0. However, when V3P3 falls below VFAULTZVAL, the
FAULTZ output is unknown.
Table 3. FAULTZ Output Conditions (when in an under-voltage condition, UVLO = 1)
EN
HV_EN
Thermal Shutdown
V3P3 UVLO
VHV UVLO
FAULTZ (Active Low)
0
X
X
X
X
1
1
X
X
1
X
0
1
X
Yes
0
X
0
1
0
No
0
1
1
1
1
No
0
1
0
1
X
No
0
0
1
It is recommended that the pull-up resistance on FAULTZ be 100k
Ω and must be greater than or equal to 30kΩ.
INPUT INDUCTIVE BOUNCE AT SHORT CIRCUIT
When a significant inductance is seen at the VHV input, suddenly turning off large current through the device
may produce a large enough inductive voltage bounce on the VHV pin to exceed the maximum safe operating
condition and damage the TPS22981. To prevent this, reduce any inductance at the VHV input.
14
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TPS22981



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com