Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12DL080 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12DL080
Description  selecting amplifiers, adcs, and clocks for high-performance signal paths
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DL080 Datasheet(HTML) 5 Page - Texas Instruments

  ADC12DL080 Datasheet HTML 1Page - Texas Instruments ADC12DL080 Datasheet HTML 2Page - Texas Instruments ADC12DL080 Datasheet HTML 3Page - Texas Instruments ADC12DL080 Datasheet HTML 4Page - Texas Instruments ADC12DL080 Datasheet HTML 5Page - Texas Instruments ADC12DL080 Datasheet HTML 6Page - Texas Instruments ADC12DL080 Datasheet HTML 7Page - Texas Instruments ADC12DL080 Datasheet HTML 8Page - Texas Instruments ADC12DL080 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
4
SIGNAL PATH
designer
signal A and prevent recovery at baseband. Figure 3c
shows the required bandpass filter.
Often in an under-sampled system, the signal
bandwidth of interest is over-sampled, such as a
100 MSPS sampling of a 5 MHz-bandwidth signal,
and post-filtered digitally to improve the dynamic
range of the system. Noise-processing gain is obtained
by the fact that the ADC’s input referred noise is
spread over the entire 1st Nyquist zone from zero to
fS/2. By restricting the input bandwidth to less than
fS/2, the noise at the input of the ADC is reduced,
giving increased dynamic range and resolution. The
added processing gain is given by the equation:
Processing Gain = 10 log [(fs/2)/ BW] dB
where BW is the post-filtered signal bandwidth. For
fS = 100 MSPS and BW = 5 MHz, this equates
to a 10 dB-processing gain. To maximize process-
ing gain, over-sample the signal bandwidth at the
highest-possible sample rate, and post-process the
narrowest-possible signal bandwidth.
Under-sampling is employed in many modern radio
and RADAR systems where a single, analog-mixer
stage down-converts an RF signal to an IF signal
which, after bandpass filtering, is aliased to digital
baseband where the final signal is extracted by
further digital processing. This reduces the number
of analog-mixer and filter stages. Under-sampling
the input signal is equivalent to a baseband ADC
plus IF down-conversion mixer. The downside of
under-sampling is the higher-frequency perfor-
mance required from the amplifier and ADC, more
stringent jitter requirements on the ADC clock,
and the requirements for DSP processing.
Sampling Clock Considerations
Clock jitter on the ADC clock is
another key factor affecting the
sampling
system
Signal-to-Noise
Ratio (SNR). At high-input-signal
frequencies, the SNR of the ADC
departs from the familiar quantiza-
tion-noise-limited level of 6.02n
+ 1.76 dB (where n = number of bits)
to the jitter-noise-limited level of
-20 x log(2π x fSIGNAL x tjrms).
The variable fSIGNAL is the highest-input-signal-
frequency component for conversion by the ADC.
The variable tjrms is the total-rms clock jitter in
seconds, given by the root-sum square of all the
rms-timing jitter components from the different
stages in the clock path including the clock source,
clock buffer, and the internal-clock circuit within
the ADC.
For example, to obtain 74 dB-SNR performance at
300 MHz requires the total rms jitter in the clock
path including the ADC to be less than 105 femto
seconds (fs) rms. National’s newest high-sample-
rate converters are specified with 2 VP-P differential
clocks to minimize jitter and maximize SNR. It is
important to drive these inputs with low-jitter clocks.
For instance, a 70 fs, external-clock-path jitter com-
bined with a 70 fs, internal-ADC-clock jitter delivers
100 fs total jitter (combined in rss fashion). National
offers a family of low-jitter-clock components targeted
at this application.
ADC Input Stage
When choosing an amplifier to drive a high-speed
ADC, it is important to understand the load that
the amplifier is required to drive. The internal front
end of an unbuffered ADC typically consists of a
sampling-input network controlled by a sample-
and-hold clock signal which commands the input
network to either sample the applied input signal or
hold the input state for conversion (Figure 4).
This input network presents a changing capacitive
load to the driver stage as it transitions repeatedly
between sample and hold, causing transient charg-
ing spikes at the ADC input, which are made worse
1st
Frequency
Nyquist
Zone
Wanted
Input
Signal
A
2nd
Nyquist
Zone
3rd
Nyquist
Zone
4th
Nyquist
Zone
5th
Nyquist
Zone
6th
Nyquist
Zone
7th
Nyquist
Zone
8th
Nyquist
Zone
9th
Nyquist
Zone
10th
Nyquist
Zone
11th
Nyquist
Zone
12th
Nyquist
Zone
Unwanted
Signal B
Alias
of A
Bandpass
Filter
2f s
fs
3f s
4f s
5f s
Figure 3c. Unwanted signal B prevented from aliasing B by bandpass filter around A
Selecting Amplifiers, ADCs, and Clocks for High-Performance Signal Paths
SignalPathDesigner.indd 4
SignalPathDesigner.indd 4
9/5/07 3:24:33 PM
9/5/07 3:24:33 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com