Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12DL080 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12DL080
Description  selecting amplifiers, adcs, and clocks for high-performance signal paths
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DL080 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADC12DL080 Datasheet HTML 5Page - Texas Instruments ADC12DL080 Datasheet HTML 6Page - Texas Instruments ADC12DL080 Datasheet HTML 7Page - Texas Instruments ADC12DL080 Datasheet HTML 8Page - Texas Instruments ADC12DL080 Datasheet HTML 9Page - Texas Instruments ADC12DL080 Datasheet HTML 10Page - Texas Instruments ADC12DL080 Datasheet HTML 11Page - Texas Instruments ADC12DL080 Datasheet HTML 12Page - Texas Instruments ADC12DL080 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
8
SIGNAL PATH
designer
with respect to the wanted signal can prevent dis-
tortion products appearing all over the baseband.
In applications involving multiple closely-spaced-
frequency tones, good Intermodulation Distortion
(IMD) and related third-order Output Intercept
Power (OIP3) are required from the amplifier. This
minimizes difference-frequency distortion products
that are otherwise created too close to the signal of
interest to be filtered out. Ideally, any distortion
specifications quoted for the amplifier should be
for the signal level and load conditions presented
by the application. In many applications where
the dynamic range is increased by processing gain,
distortion will be the number one concern in maxi-
mizing resolution.
The final stage before the ADC is the noise filter.
The simplest solution for a DC-coupled baseband
application is a passive first-order low-pass RC. For
this simple first-order filter, the -3 dB frequency,
F-3 dB, is given by the formula:
The 0.1 dB bandwidth is 0.15 x F-3 dB and the
effective-noise bandwidth for noise calculations is
1.57 x F-3 dB. Higher-order filters can be designed
to meet specific passband-flatness needs based on
various filter polynomials such as Butterworth,
Bessel, and Chebyshev. These will give sharper roll
off and lower noise bandwidths in addition to mak-
ing it easier to meet the sharp roll-off requirements of
Figure 2c. An example of a first-order low-pass filter is
shown in Figure 7 where National’s new LMH6552
1 GHz fully-differential amplifier drives one half
of a dual ADC12DL080 12-bit 80 MSPS ADC
via a 65 MHz first-order low-pass filter, formed by
the two series 125Ω-output resistors and the
2.2 pF-output capacitor in parallel with the ADC’s
input capacitance.
Figure 8 shows the LMH6552 and ADC12DL080
Spurious Free Dynamic Range (SFDR) and SNR
performance versus frequency.
The LMH6552 amplifier is based on a CFB
architecture and consequently delivers relatively
constant bandwidth as the gain is varied. For example,
the unity gain LSBW at 2 Vp-p output is 950 MHz,
and for higher gains the BW reduction is small with
820 MHz at G = 2, 740 MHz at G = 4, and 590 MHz
at G = 8. A VFB device would require almost 5 GHz
gain-bandwidth product to achieve 590 MHz BW at
G = 8.
The LMH6552 is ideal for a range of 8- to
14-bit applications depending on the specific
speed, distortion, and noise requirements of the end
application. Optimum performance is delivered on
split ±5V supplies but the LMH6552 will also run
on single supplies as low as single 5V. The amplifier
input-voltage noise is 1nV/ Hz and the input-
current noise is 19.5 pA/ Hz. The output noise
is strongly influenced by the input-current noise
and the value of the feedback resistor RF and not
so strongly by the input-voltage noise and closed-
loop gain, as would be the case for voltage-feedback
amplifiers. Consequently, the LMH6552 device
can operate at much higher values of gain without
12-bit 80 MSPS
ADC12DL080
VIN-
VIN+
125
Ω
2.2 pF
CIN= 7-8 pF
LMH6552
VIN
VCM
RG
RF
RS
RG
RF
RT
125
Ω
VCM
RM
0
5
10
15
202530
35
40
Input Frequency (MHz)
50
55
60
65
70
75
80
85
90
SFDR (dBc)
SNR (dBFs)
Selecting Amplifiers, ADCs, and Clocks for High-Performance Signal Paths
Figure 7. The LMH6552 Amplifier driving the ADC12DL080
converter
Figure 8. LMH6552 and ADC12DL080 SFDR and SNR
performance vs frequency
F-3dB
1
2πRC
=
SignalPathDesigner.indd 8
SignalPathDesigner.indd 8
9/5/07 3:24:35 PM
9/5/07 3:24:35 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com