Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6925WD-SDAP/06 Datasheet(PDF) 1 Page - Emcore Corporation

Part # 6925WD-SDAP/06
Description  Coarse Wave Division Multiplexing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

6925WD-SDAP/06 Datasheet(HTML) 1 Page - Emcore Corporation

  6925WD-SDAP/06 Datasheet HTML 1Page - Emcore Corporation 6925WD-SDAP/06 Datasheet HTML 2Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6925
CWDM
Features
Low insertion loss
Low polarization-dependednt loss
Bi-directional capability
High channel-to-channel uniformity
Up to 8 channels
1U Rack mountable package
EDFA compliant wavelengths
Applications
MDU
CCTV
Point to multi-point
Tapped trunk
Site diversity
The Emcore Model 6925 Coarse Wave Division Multiplex-
ing (CWDM) is an all-fiber, bidirectional multiplexor /
demultiplexor. The CWDM allows up to eight, channels to
be stacked in the 1550 nm regions of optical fiber for both
unidirectional and bidirectional applications. The Model
6925 implements high channel-to-channel isolation to
ensure that no interference occurs between channels in a
bidirectional configuration.
Copyright © 2009 Emcore Corporation
626 293 3400
626 293 3428
satcom-sales@emcore.com
www.emcore..com
CWDM technology increases the capacity of embedded fibers, allowing system
growth without costly cable plant upgrades. The Model 6925 is an excellent
choice for addressing the increased need for efficient and capable signal
transmission.
Functional Diagram
General
Specifications
Values
Dimensions
11.9”D x 19”W x 1.75”H
Weight
5.5 lbs
Operating Temperature
-40˚ to +75˚C
Storage Temperature
-45˚C to +85˚C
Humidity
0 to 95% non-condensing
6925 WD
Optical
Demux
Fiber Receiver
Fiber Receiver
Fiber Receiver
Fiber Receiver
Fiber Receiver
Fiber Receiver
Fiber Receiver
Fiber Receiver
Fiber Transmitter
Fiber Transmitter
Fiber Transmitter
Fiber Transmitter
Fiber Transmitter
Fiber Transmitter
Fiber Transmitter
Fiber Transmitter
6925 WM
Optical
Mux


Similar Part No. - 6925WD-SDAP/06

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
6925WD-SDSP EMCORE-6925WD-SDSP Datasheet
136Kb / 2P
Coarse Wavelength-division Multiplexer
6925WD-SDSP-4 EMCORE-6925WD-SDSP-4 Datasheet
136Kb / 2P
Coarse Wavelength-division Multiplexer
6925WD-SDSP-6 EMCORE-6925WD-SDSP-6 Datasheet
136Kb / 2P
Coarse Wavelength-division Multiplexer
6925WD-SDSP-8 EMCORE-6925WD-SDSP-8 Datasheet
136Kb / 2P
Coarse Wavelength-division Multiplexer
More results

Similar Description - 6925WD-SDAP/06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NN5099K ETC-NN5099K Datasheet
383Kb / 9P
IC DIVISION
logo
Fuji Electric
FLASHWAVE7600 FUJI-FLASHWAVE7600 Datasheet
833Kb / 2P
The FLASHWAVE 7600 Dense Wavelength Division Multiplexing (DWDM)
logo
Intersil Corporation
ISL59421 INTERSIL-ISL59421 Datasheet
561Kb / 12P
865MHz Multiplexing Amplifier
September 21, 2005
logo
JDS Uniphase Corporatio...
WDM-CAD01000 JDSU-WDM-CAD01000 Datasheet
162Kb / 3P
Coarse Wavelength Division Multiplexer (CWDM) Add/Drop Filter
WDM-CAD04000 JDSU-WDM-CAD04000 Datasheet
160Kb / 3P
Coarse Wavelength Division Multiplexer/Demultiplexer (CWDM) Filter
MDX-01AD1018B JDSU-MDX-01AD1018B Datasheet
238Kb / 4P
100 GHz Dense Wavelength Division Multiplexing Optical Add/Drop Module
logo
Emcore Corporation
6925WM-SDSP EMCORE-6925WM-SDSP Datasheet
136Kb / 2P
Coarse Wavelength-division Multiplexer
2925 EMCORE-2925 Datasheet
67Kb / 2P
Dense Wave Division Multiplexing (DWDM)
logo
Linkage Goston Electron...
SM2211E LINKAGE-SM2211E Datasheet
1Mb / 7P
Standoff Light / Thermothermal LIne-DIvIsIon LIne-DIvIsIon
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com