Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP181 Datasheet(PDF) 5 Page - Analog Devices

Part # OP181
Description  Ultralow Power, Rail-to-Rail Output Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP181 Datasheet(HTML) 5 Page - Analog Devices

  OP181 Datasheet HTML 1Page - Analog Devices OP181 Datasheet HTML 2Page - Analog Devices OP181 Datasheet HTML 3Page - Analog Devices OP181 Datasheet HTML 4Page - Analog Devices OP181 Datasheet HTML 5Page - Analog Devices OP181 Datasheet HTML 6Page - Analog Devices OP181 Datasheet HTML 7Page - Analog Devices OP181 Datasheet HTML 8Page - Analog Devices OP181 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
OP181/OP281/OP481
–5–
REV. 0
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the OP181/OP281/OP481 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precau-
tions are recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +16 V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . Gnd to VS + 10 V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . .
±3.5 V
Output Short-Circuit Duration to Gnd . . . . . . . . . . Indefinite
Storage Temperature Range
P, S, RU Package . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature Range
OP181/OP281/OP481G . . . . . . . . . . . . . . . –40
°C to +85°C
Junction Temperature Range
P, S, RU Package . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering, 60 sec) . . . . . . . +300
°C
Package Type
JA*
JC
Units
8-Pin Plastic DIP (P)
103
43
°C/W
8-Pin SOIC (S)
158
43
°C/W
8-Pin TSSOP (RU)
240
43
°C/W
14-Pin Plastic DIP (P)
76
33
°C/W
14-Pin SOIC (S)
120
36
°C/W
14-Pin TSSOP (RU)
240
43
°C/W
*
θ
JA is specified for the worst case conditions, i.e., θJA is specified for device in socket
for P-DIP packages;
θ
JA is specified for device soldered in circuit board for TSSOP
and SOIC packages.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
OP181GP
–40
°C to +85°C
8-Pin Plastic DIP
N-8
OP181GS
–40
°C to +85°C
8-Pin SOIC
SO-8
OP281GP
–40
°C to +85°C
8-Pin Plastic DIP
N-8
OP281GS
–40
°C to +85°C
8-Pin SOIC
SO-8
OP281GRU –40
°C to +85°C
8-Pin TSSOP
RU-8
OP481GP
–40
°C to +85°C
14-Pin Plastic DIP
N-14
OP481GS
–40
°C to +85°C
14-Pin SOIC
SO-14
OP481GRU –40
°C to +85°C
14-Pin TSSOP
RU-14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com