Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP181 Datasheet(PDF) 9 Page - Analog Devices

Part # OP181
Description  Ultralow Power, Rail-to-Rail Output Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP181 Datasheet(HTML) 9 Page - Analog Devices

Back Button OP181 Datasheet HTML 5Page - Analog Devices OP181 Datasheet HTML 6Page - Analog Devices OP181 Datasheet HTML 7Page - Analog Devices OP181 Datasheet HTML 8Page - Analog Devices OP181 Datasheet HTML 9Page - Analog Devices OP181 Datasheet HTML 10Page - Analog Devices OP181 Datasheet HTML 11Page - Analog Devices OP181 Datasheet HTML 12Page - Analog Devices OP181 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
OP181/OP281/OP481
–9–
REV. 0
10
0%
100
90
2.50V
A2
200µs
1V
VS = +5V
TA = +25 C
1V
Figure 28. No Phase Reversal
10
0%
100
90
0.00V
A2
50µs
500mV
VS = 1.35V
RL = ∞
500mV
VIN = 1Vp-p
AT 2kHz
Figure 30. Saturation Recovery Time
FREQUENCY – Hz
100
1k
1M
10k
100k
120
105
–30
90
75
60
45
30
15
0
–15
VS = +5V
TA = +25 C
RL = ∞
Figure 29. Channel Separation vs.
Frequency
10
0%
100
90
0.00V
A2
100µs
1V
VS = 2.5V
CIRCUIT = AVOL
500mV
RL = ∞
TA = +25 C
Figure 31. Saturation Recovery Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com