Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP183 Datasheet(PDF) 6 Page - Analog Devices

Part # OP183
Description  5 MHz Single-Supply Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP183 Datasheet(HTML) 6 Page - Analog Devices

Back Button OP183 Datasheet HTML 2Page - Analog Devices OP183 Datasheet HTML 3Page - Analog Devices OP183 Datasheet HTML 4Page - Analog Devices OP183 Datasheet HTML 5Page - Analog Devices OP183 Datasheet HTML 6Page - Analog Devices OP183 Datasheet HTML 7Page - Analog Devices OP183 Datasheet HTML 8Page - Analog Devices OP183 Datasheet HTML 9Page - Analog Devices OP183 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. B
5
2
0
1k
10k
10M
1M
100k
1
3
4
FREQUENCY – Hz
ΩT
A = +25°C
RL = 2kΩ
VS = +5V
Figure 12. Output Voltage vs. Sink
& Source Current
Figure 10. OP183/OP283 Maximum
Output Swing vs. Frequency @ +5 V
1k
10k
10M
1M
100k
30
15
0
10
5
20
25
FREQUENCY – Hz
ΩT
A = +25°C
RL = 2kΩ
VS = ±15V
1
10m
1m
1µ
10µ
10m
1m
100µ
100m
LOAD CURRENT – Amps
SINK
SOURCE
600
0
13.5
300
100
–10
200
–15
500
400
10
5
0
–5
TA = +25°C
VS = ±15V
COMMON-MODE VOLTAGE – Volts
500
0
125
300
100
–50
200
–75
400
100
75
50
25
0
–25
TEMPERATURE – °C
VS = ±15V
&
VS = +5V
VS = +3V
1.50
0
125
0.75
0.25
–50
0.50
–75
1.25
1.00
100
75
50
25
0
–25
TEMPERATURE – °C
∞V
S = ±18V
RL = ∞
VS = +3V
RL = ∞
VS = +5V
RL = ∞
1.50
0
±20
0.75
0.25
±2.5
0.50
0
1.25
1.00
±17.5
±15
±12.5
±10
±7.5
±5
SUPPLY VOLTAGE – Volts
TA = +25°C
Figure 17. Short-Circuit Current vs.
Temperature @ +5 V
60
0
125
30
10
–50
20
–75
50
40
100
75
50
25
0
–25
TEMPERATURE – °C
–ISC
+ISC
60
0
125
30
10
–50
20
–75
50
40
100
75
50
25
0
–25
TEMPERATURE – °C
–ISC
+ISC
Figure 11. OP183/OP283 Maximum
Output Swing vs. Frequency @
±15 V
Figure 15. Supply Current per
Amplifier vs. Temperature
Figure 14. Input Bias Current vs.
Temperature
Figure 13. Input Bias Current vs.
Common-Mode Voltage
Figure 16. Supply Current per
Amplifier vs. Supply Voltage
Figure 18. Short-Circuit Current vs.
Temperature @
±15 V
–6–
OP183/OP283–Typical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com