Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP183 Datasheet(PDF) 7 Page - Analog Devices

Part # OP183
Description  5 MHz Single-Supply Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP183 Datasheet(HTML) 7 Page - Analog Devices

Back Button OP183 Datasheet HTML 3Page - Analog Devices OP183 Datasheet HTML 4Page - Analog Devices OP183 Datasheet HTML 5Page - Analog Devices OP183 Datasheet HTML 6Page - Analog Devices OP183 Datasheet HTML 7Page - Analog Devices OP183 Datasheet HTML 8Page - Analog Devices OP183 Datasheet HTML 9Page - Analog Devices OP183 Datasheet HTML 10Page - Analog Devices OP183 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV.B
OP183/OP283
140
100
0
100
1k
1M
100k
10k
120
60
20
40
80
FREQUENCY – Hz
TA = +25°C
VS = ±15V
Figure 21. Open-Loop Gain and Phase
vs. Frequency @ +3 V
Figure 19. Common-Mode Rejection
vs. Frequency
140
100
0
100
1k
1M
100k
10k
120
60
20
40
80
FREQUENCY – Hz
+PSRR
–PSRR
TA = +25°C
VS = ±15V
Figure 20. Power Supply Rejection
vs. Frequency
90
40
–10
1k
10k
10M
1M
100k
50
70
80
0
10
30
60
20
FREQUENCY – Hz
ΩT
A = +25°C
VS = +5V
RL = 10kΩ
GAIN
PHASE
PHASE
MARGIN
= 46°
–45
0
45
90
135
Figure 22. Open-Loop Gain and Phase
vs. Frequency @ +5 V
1000
0
125
300
100
–50
200
–75
600
400
500
700
800
900
100
25
50
–25
0
75
TEMPERATURE – °C
ΩV
S = +5V
RL = 2kΩ
ΩV
S = ±15V
OR
VS = +3V
RL = 2kΩ
90
40
–10
1k
10k
10M
1M
100k
50
70
80
0
10
30
60
20
FREQUENCY – Hz
ΩT
A = +25°C
VS = ±15V
RL = 10kΩ
GAIN
PHASE
PHASE
MARGIN
= 56°
–45
0
45
90
135
Figure 23. Open-Loop Gain and Phase
vs. Frequency @
±15 V
50
30
–20
1k
10k
10M
1M
100k
40
10
–10
0
20
FREQUENCY – Hz
AV = +100
AV = +10
AV = +1
TA = +25°C
VS = ±15V
10
100
10k
30
15
0
10
5
20
25
1k
FREQUENCY – Hz
TA = +25°C
VS = ±15V
OR
VS = +3V, +15V
25
0
125
15
5
–50
10
–75
20
100
75
50
25
0
–25
TEMPERATURE – °C
ΩV
S = ±15V
RL = 2kΩ
± SLEW RATE
ΩV
S = ±5V
RL = 2kΩ
± SLEW RATE
Figure 27. Voltage Noise Density
vs. Frequency
Figure 24. Open-Loop Gain vs.
Temperature
Figure 25. Closed-Loop Gain vs.
Frequency
Figure 26. Slew Rate vs. Temperature
90
40
–10
1k
10k
10M
1M
100k
50
70
80
0
10
30
60
20
FREQUENCY – Hz
ΩT
A = +25°C
VS = +3V
RL = 10kΩ
GAIN
PHASE
PHASE
MARGIN
= 43°
–45
0
45
90
135
–7–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com