Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CINT3110 Datasheet(PDF) 4 Page - SL Power Electronics

Part # CINT3110
Description  The CINT3110 Series are industrial grade, high efficiency, triple output power supplies in a small 2??x 4??size.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

CINT3110 Datasheet(HTML) 4 Page - SL Power Electronics

  CINT3110 Datasheet HTML 1Page - SL Power Electronics CINT3110 Datasheet HTML 2Page - SL Power Electronics CINT3110 Datasheet HTML 3Page - SL Power Electronics CINT3110 Datasheet HTML 4Page - SL Power Electronics CINT3110 Datasheet HTML 5Page - SL Power Electronics CINT3110 Datasheet HTML 6Page - SL Power Electronics CINT3110 Datasheet HTML 7Page - SL Power Electronics CINT3110 Datasheet HTML 8Page - SL Power Electronics CINT3110 Datasheet HTML 9Page - SL Power Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CINT3110
110W Triple Output
Industrial Series
www.slpower.com
CINT3110 REV 1.1, 26-NOV-12
4
Connector Information
Input Connector
J100
Ground
J101
DC Output Connector
J200
Signal Connector
J300
PIN 1) AC NEUTRAL
PIN 2) EMPTY
PIN 3) AC LINE
0.187” FASTON TAB
PIN 1) +V1
PIN 4) GND
PIN 7) V2
PIN 2) +V1
PIN 5) GND
PIN 8) V3
PIN 3) GND
PIN 6) GND
PIN 1) Power Fail/DC OK
PIN 2) GND
PIN 3) +Remote Sense
PIN 4) –Remote Sense
Mating Connector:
Molex 09-50-3031
Pins= 08-52-0072
Mating Connector:
Molex 01-90020001
Mating Connector:
JST VHR-8N
Pins = SVH-21T-P1.1
Mating Connector:
Molex 51065-0400
Pins = 50212-8100
Isolation Specifications
Parameter
Conditions/Description
Min
Nom
Max
Units
Insulation Safety Rating
Input/Ground
Input/Output
Output/Ground
Basic
Reinforced
Operational
Electric Strength Test Voltage
Input/Ground
Input/Output
Output/Ground
1800
4000
500
-
-
Vac
Vac
Vac
Leakage Current
Parameter
Conditions/Description
Max
Earth Leakage Current
Normal Condition (NC)
Single Fault Condition (SFC)
290µA
420µA
Touch Current
Normal Condition (NC)
Single Fault Condition (SFC)
90µA
170µA
Input Specifications
All specifications apply over specified input voltage, output load, and temperature range, unless otherwise noted.
Parameter
Conditions/Description
Min
Nom
Max
Units
Input Voltage
90
115/230
264
Vac
Input Frequency
47
50/60
63
Hz
Input Current
115Vac/max load
1.5
A
Input Current
230Vac/max load
0.75
A
Inrush Current
264Vac, cold start, 25
°C
-
-
45
A
Efficiency
Vi nom, Io nom
CINT3110A0508K01
CINT3110A1708K01
CINT3110A1908K01
-
87%
-
%
Output Specifications
Parameter
Conditions/Description
Min
Nom
Max
Units
Output Current V1
Output Current V2
Output Current V3
CINT3110A0508K01
0
0
0
10.0
4.5
1
14.0
6.0
1
ADC
Output Current V1
Output Current V2
Output Current V3
CINT3110A1708K01
0
0
0
10.0
3.5
1
14.0
4.5
1
ADC
Output Current V1
Output Current V2
Output Current V3
CINT3110A1908K01
0
0
0
8.0
3.0
1
12.0
4.0
1
ADC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com