Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CINT3110 Datasheet(PDF) 3 Page - SL Power Electronics

Part # CINT3110
Description  The CINT3110 Series are industrial grade, high efficiency, triple output power supplies in a small 2??x 4??size.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

CINT3110 Datasheet(HTML) 3 Page - SL Power Electronics

  CINT3110 Datasheet HTML 1Page - SL Power Electronics CINT3110 Datasheet HTML 2Page - SL Power Electronics CINT3110 Datasheet HTML 3Page - SL Power Electronics CINT3110 Datasheet HTML 4Page - SL Power Electronics CINT3110 Datasheet HTML 5Page - SL Power Electronics CINT3110 Datasheet HTML 6Page - SL Power Electronics CINT3110 Datasheet HTML 7Page - SL Power Electronics CINT3110 Datasheet HTML 8Page - SL Power Electronics CINT3110 Datasheet HTML 9Page - SL Power Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CINT3110
110W Triple Output
Industrial Series
www.slpower.com
CINT3110 REV 1.1, 26-NOV-12
3
EMI/EMC Compliance
Conducted Emissions
EN55011/22 Class B, FCC Part 15, Subpart B, Class B
Radiated Emissions
EN55011/22 Class A; FCC Part 15, Subpart A, Class A
Static Discharge Immunity
EN61000-4-2, Criteria A, 6kV Contact Discharge, 8kV air discharge
Radiated RF Immunity
EN61000-4-3, 3V/m. Criteria A
EFT/Burst Immunity
EN61000-4-4, 2kV/5kHz, Criteria A
Line Surge Immunity
EN61000-4-5, 1kV differential, 2kV common-mode, Criteria A
Conducted RF Immunity
EN61000-4-6, 3Vrms, Criteria A
Power Frequency Magnetic Field Immunity
EN61000-4-8, 3A/m, Criteria A
Voltage Dip Immunity
EN61000-4-11, 0% Vin, 0.5cycle; 40% Vin, 5 cycles; 70% Vin, 25 cycles;
Criteria A
Line Harmonic Emissions
EN61000-3-2, Class A, B, C, & D
Flicker Test
EN61000-3-3, Complies (dmax<6%)
Mechanical Drawing
Notes:
1. All dimensions in inches (mm), tolerance is ±.02”.
2. Mounting holes should be grounded for EMI purpose
3. Mounting J101 is safety ground connection
4. This power supply requires mounting on metal standoffs 0.20” (5 m) in height.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com