Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MINT1150 Datasheet(PDF) 3 Page - SL Power Electronics

Part # MINT1150
Description  The MINT1150 family is a high power density for a power supply in a 2??x 4??size.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MINT1150 Datasheet(HTML) 3 Page - SL Power Electronics

  MINT1150 Datasheet HTML 1Page - SL Power Electronics MINT1150 Datasheet HTML 2Page - SL Power Electronics MINT1150 Datasheet HTML 3Page - SL Power Electronics MINT1150 Datasheet HTML 4Page - SL Power Electronics MINT1150 Datasheet HTML 5Page - SL Power Electronics MINT1150 Datasheet HTML 6Page - SL Power Electronics MINT1150 Datasheet HTML 7Page - SL Power Electronics MINT1150 Datasheet HTML 8Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MINT1150
150W Single Output
Medical Series
www.slpower.com
MINT1150 REV 1.4, 13-NOV-12
3
EMI/EMC Compliance
Conducted Emissions
EN55011/22 Class B, FCC Part 15, Subpart B, Class B
Radiated Emissions
EN55011/22 Class A, FCC Part 15, Subpart B, Class A w/6db margin
Static Discharge Immunity
EN61000-4-2, Criteria A, 6kV Contact Discharge, 8kV air discharge
Radiated RF Immunity
EN61000-4-3, 3V/m. Criteria A
EFT/Burst Immunity
EN61000-4-4, 2kV/5kHz, Criteria A
Line Surge Immunity
EN61000-4-5, 1kV differential, 2kV common-mode, Criteria A
Conducted RF Immunity
EN61000-4-6, 3Vrms, Criteria A
Power Frequency Magnetic Field Immunity
EN61000-4-8, 3A/m, Criteria A
Voltage Dip Immunity
EN61000-4-11, 0% Vin, 0.5cycle; 40% Vin, 5 cycles; 70% Vin, 25 cycles;
Criteria A
Line Harmonic Emissions
EN61000-3-2, Class A, B, C, & D
Flicker Test
EN61000-3-3, Complies (dmax<6%)
Mechanical Drawing



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com