Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP191 Datasheet(PDF) 7 Page - Analog Devices

Part # OP191
Description  Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP191 Datasheet(HTML) 7 Page - Analog Devices

Back Button OP191 Datasheet HTML 3Page - Analog Devices OP191 Datasheet HTML 4Page - Analog Devices OP191 Datasheet HTML 5Page - Analog Devices OP191 Datasheet HTML 6Page - Analog Devices OP191 Datasheet HTML 7Page - Analog Devices OP191 Datasheet HTML 8Page - Analog Devices OP191 Datasheet HTML 9Page - Analog Devices OP191 Datasheet HTML 10Page - Analog Devices OP191 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
OP191/OP291/OP491
REV. 0
–7–
50
0
–50
10
100
10M
1M
100k
10k
1k
10
20
30
40
–40
–30
–20
–10
VS = +3V
TA = +25°C
FREQUENCY – Hz
Figure 11. Closed-Loop Gain vs.
Frequency, VS = +3 V
160
100
60
1k
10k
100k
1M
10M
80
100
120
140
–20
0
20
40
±PSRR
VS = +3V
TA = +25°C
+PSRR
–PSRR
FREQUENCY – Hz
–40
Figure 14. PSRR vs. Frequency,
VS = +3 V
VS = +3V
TEMPERATURE –
°C
0.35
0.05
125
0.20
0.10
25
0.15
–40
0.30
0.25
85
Figure 17. Supply Current vs.
Temperature, VS = +3 V, +5 V,
±5 V
160
100
60
1k
10k
100k
1M
10M
80
100
120
140
–20
0
20
40
CMRR
VS = +3V
TA = +25°C
FREQUENCY – Hz
–40
Figure 12. CMRR vs. Frequency,
VS = +3 V
VS = +3V
TEMPERATURE –
°C
113
107
125
110
108
25
109
–40
112
111
85
Figure 15. PSRR vs. Temperature,
VS = +3 V
2.8
1.0
300
1.4
1.2
0.5
0.1
1.8
1.6
2.0
2.2
2.4
2.6
250
200
150
100
70
50
30
10
1.0
VIN = +2.8Vp-p
VS = +3V
AV = +1
RL = 100k
FREQUENCY – kHz
Figure 18. Maximum Output Swing
vs. Frequency, VS = +3 V
VS = +3V
TEMPERATURE –
°C
90
84
125
87
85
25
86
–40
89
88
85
Figure 13. CMRR vs. Temperature,
VS = +3 V
VS = +3V
TEMPERATURE –
°C
1.6
0
125
0.4
0.2
25
–40
0.8
0.6
1.0
1.2
1.4
85
+SR
–SR
Figure 16. Slew Rate vs. Tempera-
ture, VS = +3 V
90
10
0%
100
MKR: 36.2 nV/
√Hz
MKR:
0 Hz
1000 Hz
BW: 2.5kHz
15.0 Hz
Figure 19. Voltage Noise Density,
VS = +3 V to ±5 V, AVO = 1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com