Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP191 Datasheet(PDF) 15 Page - Analog Devices

Part # OP191
Description  Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP191 Datasheet(HTML) 15 Page - Analog Devices

Back Button OP191 Datasheet HTML 11Page - Analog Devices OP191 Datasheet HTML 12Page - Analog Devices OP191 Datasheet HTML 13Page - Analog Devices OP191 Datasheet HTML 14Page - Analog Devices OP191 Datasheet HTML 15Page - Analog Devices OP191 Datasheet HTML 16Page - Analog Devices OP191 Datasheet HTML 17Page - Analog Devices OP191 Datasheet HTML 18Page - Analog Devices OP191 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
OP191/OP291/OP491
REV. 0
–15–
A +2.5 V Reference from a +3 V Supply
In many single-supply applications, the need for a 2.5 V
reference often arises. Many commercially available monolithic
2.5 V references require at least a minimum operating supply
voltage of 4 V. The problem is exacerbated when the minimum
operating system supply voltage is + 3 V. The circuit illustrated
in Figure 61 is an example of a +2.5 V that operates from a
single +3 V supply. The circuit takes advantage of the OP291’s
rail-to-rail input and output voltage ranges to amplify an
AD589’s 1.235 V output to +2.5 V. The OP291’s low TCVOS
of 1
µV/°C helps to maintain an output voltage temperature
coefficient of less than 200 ppm/
°C. The circuit’s overall
temperature coefficient is dominated by R2 and R3’s tempera-
ture coefficient. Lower tempco resistors are recommended.
The entire circuit draws less than 420
µA from a +3 V supply
at +25
°C.
RESISTORS = 1%, 100ppm/
°C
POTENTIOMETER = 10 TURN, 100ppm/
°C
R3
100k
Ω
1/2
OP291
3
2
1
R2
100k
Ω
8
4
+3V
P1
5k
Ω
+2.5V
REF
R1
17.4k
Ω
AD589
Figure 61. A +2.5 V Reference that Operates on a Single
+3 V Supply
+5 V Only, 12-Bit DAC Swings Rail-to-Rail
The OP191 family is ideal for use with a CMOS DAC to
generate a digitally controlled voltage with a wide output range.
Figure 62 shows the DAC8043 used in conjunction with the
AD589 to generate a voltage output from 0 V to 1.23 V The
DAC is actually operated in “voltage switching” mode where
the reference is connected to the current output, IOUT, and the
output voltage is taken from the VREF pin. This topology is
inherently noninverting as opposed to the classic current output
mode, which is inverting and, therefore, unsuitable for single
supply.
1/2
OP291
3
2
1
8
4
+5V
R1
17.8k
Ω
AD589
R2
R3
R4
232
Ω
1%
32.4k
Ω
1%
100k
Ω
1%
V
OUT = –––– (5V)
D
4096
GND CLK SR1
47
6
5
DIGITAL
CONTROL
LD
V
REF
R
FB
V
DD
I
OUT
2
1
3
8
1.23V
+5V
DAC-8043
Figure 62. +5 V Only, 12-Bit DAC Swings Rail-to-Rail
The OP291 serves two functions. First, it is required to buffer
the high output impedance of the DAC’s VREF pin, which is on
the order of 10 k
Ω. The op amp provides a low impedance
output to drive any following circuitry. Secondly, the op amp
amplifies the output signal to provide a rail-to-rail output swing.
In this particular case, the gain is set to 4.1 to generate a 5.0 V
output when the DAC is at full scale. If other output voltage
ranges are needed, such as 0 to 4.095, the gain can easily be
adjusted by altering the value of the resistors.
A High Side Current Monitor
In the design of power supply control circuits, a great deal of
design effort is focused on ensuring a pass transistor’s long-term
reliability over a wide range of load current conditions. As a
result, monitoring and limiting device power dissipation is of
prime importance in these designs. The circuit illustrated in
Figure 63 is an example of a +5 V, single-supply high side
current monitor that can be incorporated into the design of a
voltage regulator with fold-back current limiting or a high
current power supply with crowbar protection. This design uses
an OP291’s rail-to-rail input voltage range to sense the voltage
drop across a 0.1
Ω current shunt. A p-channel MOSFET used
as the feedback element in the circuit converts the op amp’s
differential input voltage into a current. This current is then
applied to R2 to generate a voltage that is a linear representation
of the load current. The transfer equation for the current
monitor is given by:
Monitor Output = R2
×
R
SENSE
R1


× I
L
For the element values shown, the Monitor Output’s transfer
characteristic is 2.5 V/A.
1/2
OP291
3
2
1
8
4
+5V
R
SENSE
0.1
Ω
+5V
+5V
I
L
S
G
M1
3N163
D
R2
2.49k
Ω
MONITOR
OUTPUT
R1
100
Ω
Figure 63. A High-Side Load Current Monitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com