Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP200 Datasheet(PDF) 1 Page - Analog Devices

Part # OP200
Description  Dual Low Offset, Low Power Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP200 Datasheet(HTML) 1 Page - Analog Devices

  OP200 Datasheet HTML 1Page - Analog Devices OP200 Datasheet HTML 2Page - Analog Devices OP200 Datasheet HTML 3Page - Analog Devices OP200 Datasheet HTML 4Page - Analog Devices OP200 Datasheet HTML 5Page - Analog Devices OP200 Datasheet HTML 6Page - Analog Devices OP200 Datasheet HTML 7Page - Analog Devices OP200 Datasheet HTML 8Page - Analog Devices OP200 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
OP200
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
Dual Low Offset, Low Power
Operational Amplifier
GENERAL DESCRIPTION
The OP200 is the first monolithic dual operational amplifier to
offer OP77 type precision performance. Available in the industry
standard 8-pin pinout, the OP200 combines precision performance
with the space and cost savings offered by a dual amplifier.
The OP200 features an extremely low input offset voltage of less
than 75
mV with a drift below 0.5 mV/∞C, guaranteed over the full
military temperature range. Open-loop gain of the OP200 exceeds
5,000,000 into a 10 k
W load; input bias current is under 2 nA;
CMR is over 120 dB and PSRR below 1.8
mV/V. On-chip zener-
zap trimming is used to achieve the extremely low input offset
voltage of the OP200 and eliminates the need for offset pulling.
Power consumption of the OP200 is very low, with each amplifier
drawing less than 725
mA of supply current. The total current
drawn by the dual OP200 is less than one-half that of a single
OP07, yet the OP200 offers significant improvements over this
industry standard op amp. The voltage noise density of the OP200,
11 nV/
÷Hz at 1 kHz, is half that of most competitive devices.
The OP200 is pin compatible with the OP221, LM158,
MC1458/1558, and LT1013.
PIN CONNECTIONS
16-Pin SOIC
(S
-Suffix)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
NC = NO CONNECT
–IN A
+IN A
NC
V–
NC
+IN B
–IN B
NC
OUT A
NC
NC
V+
NC
NC
OUT B
NC
EPOXY MINI-DIP
(P-Suffix),
8-Pin Hermetic DIP
(Z-Suffix)
8
7
6
5
V+
–IN B
+IN B
OUT B
1
2
3
4
–IN A
+IN A
V–
OUT A
+
–
+
–
A
B
FEATURES
Low Input Offset Voltage: 75
V Max
Low Offset Voltage Drift, Over –55 C < TA < +125 C:
0.5
V/ C Max
Low Supply Current (Per Amplifier): 725
mA Max
High Open-Loop Gain: 5000 V/mV Min
Low Input Bias Current: 2 nA Max
Low Noise Voltage Density: 11 nV/
÷Hz at 1 kHz
Stable with Large Capacitive Loads: 10 nF Typ
Pin Compatible to OP221, MC1458, and LT1013 with
Improved Performance
Available in Die Form
+IN
–IN
V–
OUT
V+
BIAS
VOLTAGE
LIMITING
NETWORK
Figure 1. Simplified Schematic (One of two amplifiers is shown.)
The OP200 is an ideal choice for applications requiring multiple
precision op amps and where low power consumption is critical.
For a quad precision op amp, see the OP400.


Similar Part No. - OP200

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP200 OPTEK-OP200 Datasheet
245Kb / 3P
Infrared Light Emitting Diode
logo
Analog Devices
OP200 AD-OP200 Datasheet
393Kb / 12P
Dual Low Offset, Low Power Operational Amplifier
REV. B
OP200 AD-OP200 Datasheet
329Kb / 16P
Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200 AD-OP200 Datasheet
329Kb / 16P
Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200 AD-OP200 Datasheet
329Kb / 16P
Dual Low Offset, Low Power Operational Amplifier
Rev. E
More results

Similar Description - OP200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-200 AD-OP-200 Datasheet
602Kb / 10P
DUAL LOW OFFSET, LOW POWER OPERATIONAL AMPLIFIER
OP400 AD-OP400_07 Datasheet
389Kb / 16P
Quad Low Offset, Low Power Operational Amplifier
Rev. E
OP200 AD-OP200_04 Datasheet
393Kb / 12P
Dual Low Offset, Low Power Operational Amplifier
REV. B
logo
TAITRON Components Inco...
LM358A TAITRON-LM358A Datasheet
634Kb / 10P
Dual Low Offset Operational Amplifier
logo
Analog Devices
OP200GZ AD-OP200GZ Datasheet
329Kb / 16P
Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200AZ AD-OP200AZ Datasheet
329Kb / 16P
Dual Low Offset, Low Power Operational Amplifier
Rev. E
5962-8859301MPA AD-5962-8859301MPA Datasheet
329Kb / 16P
Dual Low Offset, Low Power Operational Amplifier
Rev. E
5962-8859301MPA AD-5962-8859301MPA Datasheet
329Kb / 16P
Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP227 AD-OP227_17 Datasheet
557Kb / 6P
Dual, Low-Offset Low Noise Operational Amplifier
18-Jul-2017
OP200 AD-OP200_17 Datasheet
410Kb / 17P
Dual Low Offset, Low Power Operational Amplifier
28-Mar-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com