Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP200 Datasheet(PDF) 9 Page - Analog Devices

Part # OP200
Description  Dual Low Offset, Low Power Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP200 Datasheet(HTML) 9 Page - Analog Devices

Back Button OP200 Datasheet HTML 4Page - Analog Devices OP200 Datasheet HTML 5Page - Analog Devices OP200 Datasheet HTML 6Page - Analog Devices OP200 Datasheet HTML 7Page - Analog Devices OP200 Datasheet HTML 8Page - Analog Devices OP200 Datasheet HTML 9Page - Analog Devices OP200 Datasheet HTML 10Page - Analog Devices OP200 Datasheet HTML 11Page - Analog Devices OP200 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
REV. A
OP200
–9–
PRECISION ABSOLUTE VALUE AMPLIFIER
The circuit of Figure 5 is a precision absolute value amplifier
with an input impedance of 10 M
W. The high gain and low
TCVOS of the OP200 ensure accurate operation with microvolt
input signals. In this circuit, the input always appears as a
common-mode signal to the op amps. The CMR of the OP200
exceeds 120 dB, yielding an error of less than 2 ppm.
1/2
OP200AZ
VOUT
1/2
OP200AZ
7
6
5
VIN
3
2
0V < VOUT < 10V
1
R1
1k
R3
1k
C1
30pF
D1
1N4148
C2
0.1pF
–15
D1
1N4148
R2
2k
C2
0.1pF
+15
8
4
Figure 5. Precision Absolute Value Amplifier
PRECISION CURRENT PUMP
Maximum output current of the precision current pump shown
in Figure 6 is
±10 mA. Voltage compliance is ±10 V with ±15 V
supplies. Output impedance of the current transmitter exceeds
3 M
W with linearity better than 16 bits.
1/2
OP200EZ
1/2
OP200EZ
5
6
VIN
3
2
1
R5
100
–15
+15
IOUT
7
R1
10k
R2
10k
R3
10k
R4
1k
IOUT =
=
VIN
RS
VIN
100
= 10mA/V
8
4
Figure 6. Precision Current Pump
DUAL 12-BIT VOLTAGE OUTPUT DAC
The dual output DAC shown in Figure 7 is capable of providing
untrimmed 12-bit accurate operation over the entire military
temperature range. Offset voltage, bias current and gain errors
of the OP-200 contribute less than 1/lO of an LSB error at 12
bits over the military temperature range.
OUTA
VDD
–15V
OUTB
IOUTA
IOUTB
RFBA
AGND
5V
VREFA
VREFB
DAC A/DAC B
CS
WR
DAC
CONTROL
10V
REFERENCE
VOLTAGE
DAC-8222EW
DAC A
DAC B
1/2
OP200AZ
1/2
OP200AZ
23
2
3
4
5
6
7
8
18
19
20
21
22
1
24
4
2
3
+
+
–
–
DAC DATA BUS
PINS 6(MSB) – 17(LSB)
5
1
1/2
DAC8212AV
1/2
DAC8212AV
RFBB
DGND
Figure 7. Dual 12-Bit Voltage Output DAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com