Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP200FZ Datasheet(PDF) 7 Page - Analog Devices

Part # OP200FZ
Description  Dual Low Offset, Low Power Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP200FZ Datasheet(HTML) 7 Page - Analog Devices

Back Button OP200FZ Datasheet HTML 3Page - Analog Devices OP200FZ Datasheet HTML 4Page - Analog Devices OP200FZ Datasheet HTML 5Page - Analog Devices OP200FZ Datasheet HTML 6Page - Analog Devices OP200FZ Datasheet HTML 7Page - Analog Devices OP200FZ Datasheet HTML 8Page - Analog Devices OP200FZ Datasheet HTML 9Page - Analog Devices OP200FZ Datasheet HTML 10Page - Analog Devices OP200FZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV. A
–7–
OP200
SUPPLY VOLTAGE – V
1.06
2
6
10
14
16
1.08
1.10
1.12
1.14
1.16
1.18
TWO AMPLIFIERS
TA = 25 C
TPC 10. Total Supply Current
vs. Supply Voltage
–75
0.2
0.1
TEMPERATURE – C
0.3
0.4
0.5
0.6
0.7
–50
–25
0
25
50
75
100
125
TPC 13. Power Supply Rejection
vs. Temperature
FREQUENCY – Hz
0
20
40
60
80
100
120
140
10
100
1k
10k
100k
TA = 25 C
VS = 15V
AV = 1000
1M
AV = 100
AV = 10
AV = 1
TPC 16. Closed Loop Gain
vs. Frequency
–75
1.11
TEMPERATURE – C
TWO AMPLIFIERS
VS = 15V
–50 –25
0
25
50
75
100 125
1.12
1.13
1.14
1.15
1.16
TPC 11. Total Supply Current
vs. Temperature
1000
0
VS = 15V
RL = 2k
2000
3000
4000
5000
6000
–75
TEMPERATURE – C
–50
–25
0
25
50
75
100
125
TPC 14. Open Loop Gain vs.
Temperature
FREQUENCY – Hz
0
5
10
15
20
25
30
10
100
1k
10k
TA = 25 C
VS = 15V
100k
TPC 17. Maximum Output Swing
vs. Frequency
0.1
20
0
FREQUENCY – Hz
NEGATIVE
SUPPLY
110
100
1k
10k
100k
40
60
80
100
POSITIVE
SUPPLY
120
140
TA = 25 C
TPC 12. Power Supply Rejection
vs. Temperature
FREQUENCY – Hz
0
20
40
60
80
100
120
140
10
100
1k
10k
100k
TA = 25 C
VS = 15V
PHASE
GAIN
1M
–20
180
135
90
0
TPC 15. Open Loop Gain and
Phase Shift vs. Frequency
FREQUENCY – Hz
1
10k
1k
100
0.001
TA = 25 C
VS = 15V
VOUT = 10V p-p
RL = 2k
AV = 100
AV = 10
AV = 1
0.01
0.1
TPC 18. Total Harmonic Distortion
vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com