Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP200FZ Datasheet(PDF) 8 Page - Analog Devices

Part # OP200FZ
Description  Dual Low Offset, Low Power Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP200FZ Datasheet(HTML) 8 Page - Analog Devices

Back Button OP200FZ Datasheet HTML 4Page - Analog Devices OP200FZ Datasheet HTML 5Page - Analog Devices OP200FZ Datasheet HTML 6Page - Analog Devices OP200FZ Datasheet HTML 7Page - Analog Devices OP200FZ Datasheet HTML 8Page - Analog Devices OP200FZ Datasheet HTML 9Page - Analog Devices OP200FZ Datasheet HTML 10Page - Analog Devices OP200FZ Datasheet HTML 11Page - Analog Devices OP200FZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. A
OP200
–8–
0
5
30
25
20
10
15
0
CAPACITIVE LOAD – nF
0.5
1.0
1.5
TA = 25 C
VS = 15V
RISING
FALLING
1.0
1.5
3.0
35
40
45
50
TPC 19. Overshoot vs.
Capacitive Load
TPC 22. Large-Signal
Transient Response
1/2
OP200AZ
VOUT
VOUT = 5 +
40000
RG
VIN + VREF
20k
5k
5k
1/2
OP200AZ
7
5
6
VIN
VREF
3
2
RG
20k
–15V
+15V
1
8
4
Figure 4. Dual Low-Power Instrumentation Amplifier
The output signal is specified with respect to the reference
input, which is normally connected to analog ground. The
reference input can be used to offset the output from –10 V
to +10 V if required.
Gain
Bandwidth
5
150 kHz
10
67 kHz
100
7.5 kHz
1000
500 Hz
APPLICATIONS INFORMATION
The OP200 is inherently stable at all gains and is capable of
driving large capacitive loads without oscillating. Nonetheless,
good supply decoupling is highly recommended. Proper supply
decoupling reduces problems caused by supply line noise and
improves the capacitive load driving capability of the OP200.
APPLICATIONS
DUAL LOW-POWER INSTRUMENTATION AMPLIFIER
A dual instrumentation amplifier that consumes less than 33 mW
of power per channel is shown in Figure 4. The linearity of the
instrumentation amplifier exceeds 16 bits in gains of 5 to 200
and is better than 14 bits in gains from 200 to 1000. CMRR is
above 115 dB (Gain = 1000). Offset voltage drift is typically
0.2
mV/∞C over the military temperature range which is compa-
rable to the best monolithic instrumentation amplifiers. The
bandwidth of the low-power instrumentation amplifier is a func-
tion of gain and is shown below:
TIME – Minutes
2
TA = 25 C
VS = 15V
SOURCING
SINKING
22
23
24
25
26
27
28
29
01
34
5
TPC 20. Short-Circuit
Current vs. Time
TPC 23. Small-Signal
Transient Response
FREQUENCY – Hz
100
10
100
1k
10k
100k
90
110
120
130
140
150
TPC 21. Channel Separation
vs. Frequency
TPC 24. Small-Signal Transient
Response CLOAD = 1 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com