Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP400 Datasheet(PDF) 2 Page - Analog Devices

Part # OP400
Description  Quad Low-Offset, Low-Power Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP400 Datasheet(HTML) 2 Page - Analog Devices

  OP400 Datasheet HTML 1Page - Analog Devices OP400 Datasheet HTML 2Page - Analog Devices OP400 Datasheet HTML 3Page - Analog Devices OP400 Datasheet HTML 4Page - Analog Devices OP400 Datasheet HTML 5Page - Analog Devices OP400 Datasheet HTML 6Page - Analog Devices OP400 Datasheet HTML 7Page - Analog Devices OP400 Datasheet HTML 8Page - Analog Devices OP400 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
–2–
OP400–SPECIFICATIONS
REV. A
ELECTRICAL CHARACTERISTICS
OP400A/E
OP400F
OP400G/H
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset
Voltage
VOS
40
150
60
230
80
300
mV
Long-Term Input
Voltage Stability
0.1
0.1
0.1
mV/mo
Input Offset
Current
IOS
VCM =
∞V
0.1
1.0
0.1
2.0
0.1
3.5
nA
Input Bias
Current
IB
VCM =
∞V0.75 3.0
0.75
6.0
0.75
7.0
nA
Input Noise
Voltage
en p-p
0.1 Hz to 10 Hz
0.5
0.5
0 5
mV p-p
Input Noise
Voltage Density
1
en
fO = 10 Hz
1
22
36
22
36
22
fO = 1000 Hz
1
11
18
11
18
11
nV/
÷Hz
Input Noise
Current
in p-p
0.1 Hz to 10 Hz
15
15
15
pAp-p
Input Noise
Current Density
in
fO= 10 Hz
0.6
0.6
0.6
pA/
÷Hz
Input Resistance
Differential Mode RIN
10
10
10
M
W
Input Resistance
Common Mode
RINCM
200
200
200
G
W
Large Signal
Voltage Gain
AVO
VO =
±10 V
RL = 10 k
W
5000
12000
3000
7000
3000
7000
RL = 2 k
W
2000
3500
1500
3000
1500
3000
V/mV
Input Voltage
Range
3
IVR
±12 ±13
±12 ±13
±12 ±13
V
Common Mode
Rejection
CMR
VCM = 12 V
120
140
115
140
110
135
dB
Power Supply
Rejection Ratio
PSRR
VS = 3 V
to 18 V
0.1
1.8
0.1
3.2
0.2
5 6
mV/V
Output Voltage
Swing
VO
RL = 10 k
W±12 ±12.6
±12 ±12.6
±12 ±12.6
V
RL = 2 k
W±11 ±12.2
±11 ±12.2
±11 ±12.2
Supply Current
Per Amplifier
ISY
No Load
600
725
600
725
600
725
mA
Slew Rate
SR
0.1
0.15
0.1
0.15
0.1
0.15
V/
ms
Gain Bandwidth
Product
GBWP
AV = 1
500
500
500
kHz
Channel
Separation
CS
VO = 20 V p-p
123
135
123
135
123
135
dB
fO = 10 Hz
2
Input
Capacitance
CIN
3.2
3.2
3.2
pF
Capacitive Load
Stability
AV = 1
No Oscillations
10
10
10
nF
NOTES
1Sample tested
2Guaranteed but not 100% tested.
3Guaranteed by CMR test
(@ VS = 15 V, TA = 25 C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com