Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP400 Datasheet(PDF) 3 Page - Analog Devices

Part # OP400
Description  Quad Low-Offset, Low-Power Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP400 Datasheet(HTML) 3 Page - Analog Devices

  OP400 Datasheet HTML 1Page - Analog Devices OP400 Datasheet HTML 2Page - Analog Devices OP400 Datasheet HTML 3Page - Analog Devices OP400 Datasheet HTML 4Page - Analog Devices OP400 Datasheet HTML 5Page - Analog Devices OP400 Datasheet HTML 6Page - Analog Devices OP400 Datasheet HTML 7Page - Analog Devices OP400 Datasheet HTML 8Page - Analog Devices OP400 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
OP400
–3–
REV. A
SPECIFICATIONS (continued)
ELECTRICAL CHARACTERISTICS (@ V
S = 15 V, –55 C
< T
A = 125 C for OP400A, unless otherwise noted.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Offset Voltage
VoS
70
270
mV
Average Input Offset Voltage Drift
TCVOS
0.3
12
mV/∞C
Input Offset Current
IOS
VCM = 0 V
01
2.5
nA
Input Bias Current
IB
VCM = 0 V
1.3
5.0
nA
Large Signal Voltage Gain
AVO
VO =
±10 V RL = 10 kW 3000
9000
V/mV
RL = 2 k
W
1000
2300
Input Voltage Range*
IVR
±12
±12.5
V
Common Mode Rejection
CMR
VCM =
±12 V
115
130
dB
Power Supply Rejection Ratio
PSRR
VO = 3 V to 18 V
0.2
3.2
mV/V
Output Voltage Swing
VO
RL = 10 k
W±12
±12.4
RL = 2 k
W±11
±12
V
Supply Current Per Amplifier
ISY
No Load
600
775
mA
Capacitive Load Stability
AV = 1
8
nF
No Oscillations
NOTE
*
Guaranteed by CMR test
ELECTRICAL CHARACTERISTICS
OP400A/E
OP400F
OP400G/H
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset
Voltage
VOS
60
220
80
350
110
400
mV
Average Input Offset
Voltage Drift
TCVOS
0 3
1.2
0.3
2.0
0.6
2.5
mV/∞C
Input Offset
Current
IOS
VCM = 0 V
E, F, G Grades
0.1
2.5
0.1
3.5
0.2
6.0
H Grade
0.2
12.0
nA
Input Bias
Current
IB
VCM = 0 V
E, F, G Grades
0.1
2.5
0.1
3.5
1.0
12.0
H Grade
1.0
20.0
nA
Large-Signal
Voltage Gain
AVO
VCM = 0 V
RL = 10 k
W
3000
10000
2000
5000
2000
5000
RL = 2 k
W
1500
2700
1000
2000
1000
2000
V/mv
Input Voltage
Range
IVR
*
±12 ±12.5
±12 ±12.5
±12 ±12.5
V
Common-Mode
Rejection
CMR
VCM =
±12 V
115
135
110
135
105
130
dB
Power Supply
Rejection Ratio
PSRR
VS =
±3 V
to
±18 V
0.15
3.2
0.15
5.6
0.3
10.0
mV/V
Output Voltage
Swing
VO
RL = 10 k
W±12 ±12.4
±12 ±12.4
±12 ±12.6
V
RL = 2 k
W±11 ±12
±11 ±12
±11 ±12.2
Supply Current
Per Amplifier
ISY
No Load
600
775
600
775
600
775
mA
Capacitive Load
10
10
10
nF
Stability
No Oscillations
NOTE
*
Guaranteed by CMR test.
(@ VS =
15 V, –25 C < TA S
85 C for OP400E/F, 0 C S TA < 70 C for OP400G,
–40 C < TA < +85 C for OP400H, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com