Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP467 Datasheet(PDF) 2 Page - Analog Devices

Part # OP467
Description  Quad Precision, High Speed Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP467 Datasheet(HTML) 2 Page - Analog Devices

  OP467 Datasheet HTML 1Page - Analog Devices OP467 Datasheet HTML 2Page - Analog Devices OP467 Datasheet HTML 3Page - Analog Devices OP467 Datasheet HTML 4Page - Analog Devices OP467 Datasheet HTML 5Page - Analog Devices OP467 Datasheet HTML 6Page - Analog Devices OP467 Datasheet HTML 7Page - Analog Devices OP467 Datasheet HTML 8Page - Analog Devices OP467 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
OP467–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
INPUT CHARACTERISTICS
Offset Voltage
VOS
0.2
0.5
mV
–40
°C ≤ T
A ≤ +85°C1
mV
Input Bias Current
IB
VCM = 0 V
150
600
nA
VCM = 0 V, –40
°C ≤ T
A
≤ +85°C
150
700
nA
Input Offset Current
IOS
VCM = 0 V
10
100
nA
VCM = 0 V, –40
°C ≤ T
A
≤ +85°C
10
150
nA
Common-Mode Rejection
CMR
VCM =
±12 V
80
90
dB
CMR
VCM = ± 12 V, –40°C ≤ TA ≤ +85°C80
88
dB
Large Signal Voltage Gain
AVO
RL = 2 k
Ω
83
86
dB
RL = 2 k
Ω, –40°C ≤ T
A
≤ +85°C77.5
dB
Offset Voltage Drift
∆V
OS/∆T
3.5
µV/°C
Bias Current Drift
∆I
B/
∆T
0.2
pA/
°C
Long Term Offset Voltage Drift
∆V
OS/
∆T
Note 1
750
µV
OUTPUT CHARACTERISTICS
Output Voltage Swing
VO
RL = 2 kΩ± 13.0
±13.5
V
RL = 2 k
Ω, –40°C ≤ T
A
≤ +85°C
±12.9
±13.12
V
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
±4.5 V ≤ V
S =
±18 V
96
120
dB
–40
°C ≤ T
A
≤ +85°C
86
115
dB
Supply Current
ISY
VO = 0 V
8
10
mA
VO = 0 V, –40
°C ≤ T
A
≤ +85°C13
mA
Supply Voltage Range
VS
±4.5
±18
V
DYNAMIC PERFORMANCE
Gain Bandwidth Product
GBP
AV = +1, CL = 30 pF
28
MHz
Slew Rate
SR
VIN = 10 V Step, RL = 2 kΩ, CL = 30 pF
AV = +1
125
170
V/
µs
AV = –1
350
V/
µs
Full-Power Bandwidth
BWρ
VIN = 10 V Step
2.7
MHz
Settling Time
tS
To 0.01%, VIN = 10 V Step
200
ns
Phase Margin
θ
0
45
Degrees
Input Capacitance
Common Mode
2.0
pF
Differential
1.0
pF
NOISE PERFORMANCE
Voltage Noise
eN p-p
f = 0.1 Hz to 10 Hz
0.15
µV p-p
Voltage Noise Density
eN
f = 1 kHz
6
nV/
√Hz
Current Noise Density
iN
f = 1 kHz
8
pA/
√Hz
NOTE
1Long Term Offset Voltage Drift is guaranteed by 1000 hrs. Life test performed on three independent wafer lots at +125
°C, with an LTPD of 1.3.
Specifications subject to change without notice.
REV. C
–2–
(@ VS =
15.0 V, TA = +25 C unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com