Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP467 Datasheet(PDF) 3 Page - Analog Devices

Part # OP467
Description  Quad Precision, High Speed Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP467 Datasheet(HTML) 3 Page - Analog Devices

  OP467 Datasheet HTML 1Page - Analog Devices OP467 Datasheet HTML 2Page - Analog Devices OP467 Datasheet HTML 3Page - Analog Devices OP467 Datasheet HTML 4Page - Analog Devices OP467 Datasheet HTML 5Page - Analog Devices OP467 Datasheet HTML 6Page - Analog Devices OP467 Datasheet HTML 7Page - Analog Devices OP467 Datasheet HTML 8Page - Analog Devices OP467 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
OP467
REV. C
–3–
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
INPUT CHARACTERISTICS
Offset Voltage
VOS
0.3
0.5
mV
–40
°C ≤ T
A
≤ +85°C1
mV
Input Bias Current
IB
VCM = 0 V
125
600
nA
VCM = 0 V, –40
°C ≤ T
A
≤ +85°C
150
700
nA
Input Offset Current
IOS
VCM = 0 V
20
100
nA
VCM = 0 V, –40°C ≤ TA ≤ +85°C
150
nA
Common-Mode Rejection
CMR
VCM =
±2.0 V
76
85
dB
CMR
VCM =
±2.0 V, –40°C ≤ T
A
≤ +85°C76
80
dB
Large Signal Voltage Gain
AVO
RL = 2 kΩ
80
83
dB
RL = 2 k
Ω, –40°C ≤ T
A
≤ +85°C74
dB
Offset Voltage Drift
∆V
OS/
∆T3 5
µV/°C
Bias Current Drift
∆I
B/∆T
0.2
pA/
°C
OUTPUT CHARACTERISTICS
Output Voltage Swing
VO
RL = 2 kΩ± 3.0
±3.5
V
RL = 2 k
Ω, –40°C ≤ T
A
≤ +85°C
±3.0
±3.20
V
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
±4.5 V ≤ V
S =
±5.5 V
92
107
dB
–40
°C ≤ T
A ≤ +85°C
83
105
dB
Supply Current
ISY
VO = 0 V
8
10
mA
VO = 0 V, –40
°C ≤ T
A
≤ +85°C11
mA
DYNAMIC PERFORMANCE
Gain Bandwidth Product
GBP
AV = +1
22
MHz
Slew Rate
SR
VIN = 5 V Step, RL = 2 kΩ, CL = 39 pF
AV = +1
90
V/
µs
AV = –1
90
V/
µs
Full-Power Bandwidth
BWρ
VIN = 5 V Step
2.5
MHz
Settling Time
tS
To 0.01%, VIN = 5 V Step
280
ns
Phase Margin
θ
0
45
Degrees
NOISE PERFORMANCE
Voltage Noise
eN p-p
f = 0.1 Hz to 10 Hz
0.15
µV p-p
Voltage Noise Density
eN
f = 1 kHz
7
nV/
√Hz
Current Noise Density
iN
f = 1 kHz
8
pA/
√Hz
Specifications subject to change without notice.
(@ VS =
5.0 V, TA = +25 C unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com