Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB120N4LF6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB120N4LF6
Description  N-channel 40 V, 3.1 mΩ, 80 A DPAK, D²PAK STripFET™VI DeepGATE??Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB120N4LF6 Datasheet(HTML) 1 Page - STMicroelectronics

  STB120N4LF6 Datasheet HTML 1Page - STMicroelectronics STB120N4LF6 Datasheet HTML 2Page - STMicroelectronics STB120N4LF6 Datasheet HTML 3Page - STMicroelectronics STB120N4LF6 Datasheet HTML 4Page - STMicroelectronics STB120N4LF6 Datasheet HTML 5Page - STMicroelectronics STB120N4LF6 Datasheet HTML 6Page - STMicroelectronics STB120N4LF6 Datasheet HTML 7Page - STMicroelectronics STB120N4LF6 Datasheet HTML 8Page - STMicroelectronics STB120N4LF6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
February 2011
Doc ID 16919 Rev 2
1/18
18
STB120N4LF6
STD120N4LF6
N-channel 40 V, 3.1 m
Ω, 80 A DPAK, D²PAK
STripFET™ VI DeepGATE™ Power MOSFET
Features
■ Logic level drive
■ 100% avalanche tested
Application
■ Switching applications
– Automotive
Description
This product is a 40 V N-channel STripFET™ VI
Power MOSFET based on the ST’s proprietary
STripFET™ technology, with a new gate structure.
The resulting Power MOSFET exhibits the lowest
RDS(on) in all packages.
Figure 1.
Internal schematic diagram
Order codes
VDSS
RDS(on) max
ID
STB120N4LF6
40 V
4.0 m
Ω
80 A
STD120N4LF6
40 V
4.0 m
Ω
80 A
DPAK
1
3
D²PAK
1
3
Table 1.
Device summary
Order codes
Marking
Packages
Packaging
STB120N4LF6
120N4LF6
D²PAK
Tape and reel
STD120N4LF6
DPAK
www.st.com


Similar Part No. - STB120N4LF6

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STB120N4LF6 VBSEMI-STB120N4LF6 Datasheet
1Mb / 9P
N-Channel 40 V (D-S) MOSFET
More results

Similar Description - STB120N4LF6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB120N4F6 STMICROELECTRONICS-STB120N4F6 Datasheet
998Kb / 18P
N-channel 40 V, 3.5 mΩ , 80 A, DPAK, D²PAK STripFET™VI DeepGATE??Power MOSFET
17-May-2011
STD44N4LF6 STMICROELECTRONICS-STD44N4LF6 Datasheet
1,001Kb / 15P
N-channel 40 V, 8.9 mΩ, 44 A DPAK STripFET™VI DeepGATE??Power MOSFET
25-Oct-2011
STB95N3LLH6 STMICROELECTRONICS-STB95N3LLH6 Datasheet
936Kb / 18P
N-channel 30 V, 0.0037 Ω , 80 A, D2PAK, DPAK, IPAK, TO-220 STripFET VI DeepGATE Power MOSFET
10-Nov-2009
STD96N3LLH6 STMICROELECTRONICS-STD96N3LLH6 Datasheet
942Kb / 15P
N-channel 30 V, 0.0037 Ω, 80 A, DPAK STripFET™ VI DeepGATE™ Power MOSFET
27-Jan-2011
STD80N4F6 STMICROELECTRONICS-STD80N4F6 Datasheet
1Mb / 18P
N-channel 40 V, 5.5 m typ., 80 A STripFET VI DeepGATE Power MOSFET in DPAK
05-Mar-2013
STP120N4F6 STMICROELECTRONICS-STP120N4F6 Datasheet
746Kb / 13P
N-channel 40 V, 3.8 m廓 , 80 A, TO-220 STripFET??VI DeepGATE??Power MOSFET
17-May-2011
STD155N3H6 STMICROELECTRONICS-STD155N3H6 Datasheet
949Kb / 18P
N-channel 30 V, 2.5 m , 80 A, D PAK, DPAK STripFET VI DeepGATE Power MOSFET
11-May-2011
STD80N6F6 STMICROELECTRONICS-STD80N6F6 Datasheet
676Kb / 15P
Automotive-grade N-channel 60 V, 4.4 m??typ., 80 A STripFET™VI DeepGATE™Power MOSFET in a DPAK package
17-Jan-2014
STH360N4F6-2 STMICROELECTRONICS-STH360N4F6-2 Datasheet
359Kb / 12P
N-channel 40 V, 180 A STripFET™ VI DeepGATE™ Power MOSFET in H²PAK-2 package
08-Aug-2012
STP160N4LF6 STMICROELECTRONICS-STP160N4LF6 Datasheet
817Kb / 14P
N-channel 40 V, 0.0021 mΩ typ., 120 A, STripFET™ VI DeepGATE™ Power MOSFET in a TO-220 package
24-Apr-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com