Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STH260N6F6-2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STH260N6F6-2
Description  N-channel 60 V, 1.7 mΩ typ., 180 A STripFET™VI DeepGATE??Power MOSFET in H²PAK-2 package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STH260N6F6-2 Datasheet(HTML) 1 Page - STMicroelectronics

  STH260N6F6-2 Datasheet HTML 1Page - STMicroelectronics STH260N6F6-2 Datasheet HTML 2Page - STMicroelectronics STH260N6F6-2 Datasheet HTML 3Page - STMicroelectronics STH260N6F6-2 Datasheet HTML 4Page - STMicroelectronics STH260N6F6-2 Datasheet HTML 5Page - STMicroelectronics STH260N6F6-2 Datasheet HTML 6Page - STMicroelectronics STH260N6F6-2 Datasheet HTML 7Page - STMicroelectronics STH260N6F6-2 Datasheet HTML 8Page - STMicroelectronics STH260N6F6-2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
This is information on a product in full production.
July 2012
Doc ID 018784 Rev 4
1/14
14
STH260N6F6-2
N-channel 60 V, 1.7 m
Ω typ., 180 A STripFET™ VI DeepGATE™
Power MOSFET in H²PAK-2 package
Datasheet — production data
Features
■ Low gate charge
■ Very low on-resistance
■ High avalanche ruggedness
Applications
■ Switching applications
Description
This device is an N-channel Power MOSFET
developed using the 6th generation of STripFET™
DeepGATE™ technology, with a new gate
structure. The resulting Power MOSFET exhibits
the lowest RDS(on) in all packages.
Figure 1.
Internal schematic diagram
Order code
VDSS
RDS(on) max
ID
STH260N6F6-2
60 V
< 2.4 m
Ω
180 A
H2PAK-2
1
2
3
TAB
Table 1.
Device summary
Order code
Marking
Package
Packaging
STH260N6F6-2
260N6F6
H2PAK-2
Tape and reel
www.st.com


Similar Part No. - STH260N6F6-2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STH260N6F6-6 STMICROELECTRONICS-STH260N6F6-6 Datasheet
817Kb / 13P
Very low on-resistance
March 2014 Rev 2
logo
Inchange Semiconductor ...
STH260N6F6-6 ISC-STH260N6F6-6 Datasheet
389Kb / 4P
N-Channel Power MOSFET
More results

Similar Description - STH260N6F6-2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL12P6F6 STMICROELECTRONICS-STL12P6F6 Datasheet
601Kb / 13P
P-channel 60 V, 0.13 typ., 3 A STripFET VI DeepGATE Power MOSFET in a PowerFLAT 5x6 package
20-Mar-2013
STP77N6F6 STMICROELECTRONICS-STP77N6F6 Datasheet
950Kb / 13P
N-channel 60 V, 0.0063 typ., 77 A STripFET VI DeepGATE Power MOSFET in a TO-220 package
23-May-2013
STI300N4F6 STMICROELECTRONICS-STI300N4F6 Datasheet
782Kb / 13P
N-channel 40 V, 1.7 mΩ typ., 160 A, STripFET™ VI DeepGATE™ Power MOSFET in a I²PAK package
February 2013 Rev 2
STH360N4F6-2 STMICROELECTRONICS-STH360N4F6-2 Datasheet
359Kb / 12P
N-channel 40 V, 180 A STripFET™ VI DeepGATE™ Power MOSFET in H²PAK-2 package
08-Aug-2012
STB150N3LH6 STMICROELECTRONICS-STB150N3LH6 Datasheet
1,003Kb / 15P
N-channel 30 V, 2.4 mΩ typ., 80 A, STripFET™ VI DeepGATE™ Power MOSFET in D²PAK package
July 2012 Rev 1
STL100N6LF6 STMICROELECTRONICS-STL100N6LF6 Datasheet
2Mb / 15P
N-channel 60 V, 3.3 mΩ typ., 25 A STripFET™ VI DeepGATE™ Power MOSFET in a PowerFLAT™ 5x6 package
March 2014 Rev 3
STB25NF06LAG STMICROELECTRONICS-STB25NF06LAG Datasheet
859Kb / 15P
Automotive-grade N-channel 60 V, 53 mΩ typ., 20 A STripFET™ II Power MOSFET in a D²PAK package
24-Nov-2016
STI410N4F7AG STMICROELECTRONICS-STI410N4F7AG Datasheet
666Kb / 12P
Automotive N-channel 40 V, 1.5 mΩ typ., 180 A STripFET™ F7 Power MOSFET in an I²PAK package
13-Jun-2016
STP160N4LF6 STMICROELECTRONICS-STP160N4LF6 Datasheet
817Kb / 14P
N-channel 40 V, 0.0021 mΩ typ., 120 A, STripFET™ VI DeepGATE™ Power MOSFET in a TO-220 package
24-Apr-2014
STW265N6F6AG STMICROELECTRONICS-STW265N6F6AG Datasheet
630Kb / 12P
Automotive N-channel 60 V, 2.3 mΩ typ., 180 A STripFET™ F6 Power MOSFET in a TO-247 package
16-Nov-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com