Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMP04 Datasheet(PDF) 1 Page - Analog Devices

Part # SMP04
Description  CMOS Quad Sample-and-Hold Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SMP04 Datasheet(HTML) 1 Page - Analog Devices

  SMP04 Datasheet HTML 1Page - Analog Devices SMP04 Datasheet HTML 2Page - Analog Devices SMP04 Datasheet HTML 3Page - Analog Devices SMP04 Datasheet HTML 4Page - Analog Devices SMP04 Datasheet HTML 5Page - Analog Devices SMP04 Datasheet HTML 6Page - Analog Devices SMP04 Datasheet HTML 7Page - Analog Devices SMP04 Datasheet HTML 8Page - Analog Devices SMP04 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
REV. D
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
CMOS Quad
Sample-and-Hold Amplifier
FUNCTIONAL BLOCK DIAGRAM
VSS
VOUT1
VOUT2
VOUT3
VOUT4
VSS
DGND
VIN1
S/H1
VIN2
VIN3
VIN4
S/H2
S/H3
S/H4
VDD
VSS
VSS
VSS
SMP04
FEATURES
Four Independent Sample-and-Holds
Internal Hold Capacitors
High Accuracy: 12 Bit
Very Low Droop Rate: 2 mV/s typ
Output Buffers Stable for CL ≤ 500 pF
TTL/CMOS Compatible Logic Inputs
Single or Dual Supply Applications
Monolithic Low Power CMOS Design
APPLICATIONS
Signal Processing Systems
Multichannel Data Acquisition Systems
Automatic Test Equipment
Medical and Analytical Instrumentation
Event Analysis
DAC Deglitching
The SMP04 offers significant cost and size reduction over
equivalent module or discrete designs. It is available in a
16-lead hermetic or plastic DIP and surface mount SOIC
packages. It is specified over the extended industrial tem-
perature range of –40
°C to +85°C.
GENERAL DESCRIPTION
The SMP04 is a monolithic quad sample-and-hold; it has four
internal precision buffer amplifiers and internal hold capacitors.
It is manufactured in ADI’s advanced oxide isolated CMOS
technology to obtain the high accuracy, low droop rate and fast
acquisition time required by data acquisition and signal process-
ing systems. The device can acquire an 8-bit input signal to
± 1/2 LSB in less than four microseconds. The SMP04 can
operate from single or dual power supplies with TTL/CMOS
logic compatibility. Its output swing includes the negative supply.
The SMP04 is ideally suited for a wide variety of sample-and-
hold applications, including amplifier offset or VCA gain adjust-
ments. One or more can be used with single or multiple DACs
to provide multiple setpoints within a system.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1998
SMP04*
*Protected by U.S. Patent No. 4,739,281.


Similar Part No. - SMP04

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SMP04 AD-SMP04 Datasheet
482Kb / 15P
CMOS Quad Sample-and-Hold Amplifier
REV. D
SMP04EP AD-SMP04EP Datasheet
482Kb / 15P
CMOS Quad Sample-and-Hold Amplifier
REV. D
SMP04EQ AD-SMP04EQ Datasheet
482Kb / 15P
CMOS Quad Sample-and-Hold Amplifier
REV. D
SMP04ES AD-SMP04ES Datasheet
482Kb / 15P
CMOS Quad Sample-and-Hold Amplifier
REV. D
SMP04GBC AD-SMP04GBC Datasheet
482Kb / 15P
CMOS Quad Sample-and-Hold Amplifier
REV. D
More results

Similar Description - SMP04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5537 PHILIPS-NE5537 Datasheet
103Kb / 8P
Sample-and-hold amplifier
August 31, 1994
logo
Intersil Corporation
HA5351 INTERSIL-HA5351 Datasheet
95Kb / 8P
64ns Sample and Hold Amplifier
May 1999
logo
Linear Technology
LF198A LINER-LF198A Datasheet
1Mb / 16P
Precision Sample and Hold Amplifier
LF398S8 LINER-LF398S8 Datasheet
144Kb / 2P
Precision Sample and Hold Amplifier?
logo
Intersil Corporation
HA5351 INTERSIL-HA5351_07 Datasheet
176Kb / 7P
64ns Sample and Hold Amplifier
April 12, 2007
logo
Analog Devices
SMP04GBC AD-SMP04GBC Datasheet
482Kb / 15P
CMOS Quad Sample-and-Hold Amplifier
REV. D
SMP04 AD-SMP04_15 Datasheet
482Kb / 15P
CMOS Quad Sample and Hold Amplifier
REV. D
logo
Linear Technology
LF398S8 LINER-LF398S8_15 Datasheet
156Kb / 2P
Precision Sample and Hold Amplifier
logo
Intersil Corporation
HA5351IBZ INTERSIL-HA5351IBZ Datasheet
206Kb / 7P
64ns Sample and Hold Amplifier
April 25, 2013
logo
Renesas Technology Corp
HA5351 RENESAS-HA5351 Datasheet
421Kb / 7P
64ns Sample and Hold Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com