Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMP04 Datasheet(PDF) 12 Page - Analog Devices

Part # SMP04
Description  CMOS Quad Sample-and-Hold Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SMP04 Datasheet(HTML) 12 Page - Analog Devices

Back Button SMP04 Datasheet HTML 7Page - Analog Devices SMP04 Datasheet HTML 8Page - Analog Devices SMP04 Datasheet HTML 9Page - Analog Devices SMP04 Datasheet HTML 10Page - Analog Devices SMP04 Datasheet HTML 11Page - Analog Devices SMP04 Datasheet HTML 12Page - Analog Devices SMP04 Datasheet HTML 13Page - Analog Devices SMP04 Datasheet HTML 14Page - Analog Devices SMP04 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
–12–
SMP04
REV. D
SAMPLE AND DIFFERENCE AMPLIFIER (Figure 23)
This circuit uses two sample-and-holds to measure the voltage
difference of a signal between two time points, t1 and t2. The
sampled voltages are fed into the differential inputs of the AMP02
instrumentation amplifier. A single resistor RG sets the gain of
this instrumentation amplifier. Using two channels of the
SMP04 in this application has the advantage of matched
sample-and-hold performance, since they are both on the same
chip.
VSS
DGND
VSS
VSS
+12V
VDD
1/2 SMP04
AMP02
V1
V2
RG
+12V
–5V OR –12V
VOUT = G(V1–V2)
G =
+1
50k
RG
VIN (0V TO 8V)
S/H (DELAYED)
S/H
V1
V2
t1
t2
td
0
0
INSTRUMENTATION AMP
Figure 23. Time Delta Sample-and-Difference Measurement
SINGLE SUPPLY, SAMPLING, INSTRUMENTATION
AMPLIFIER (Figure 24)
This application again uses two channels of the SMP04 and an
instrumentation amplifier to provide a sampled difference signal.
The sample-and-hold signals in this circuit are tied together to
sample at the same point in time. The other two parts of the
SMP04 are used as amplifiers by grounding their control lines
so they are always sampling. One section is used to drive a
guard to the common-mode voltage and the other to generate a
+6 V reference to serve as an offset for single supply operation.
+6V REFERENCE
REFERENCE
VOUT
AMP02
1/4
SMP04
1/4
SMP04
1/4
SMP04
1/4
SMP04
0.1 F
GAIN =
50k
RG
+1
RG
50k
50k
+12V
20k
20k
0.01 F
GUARD
GUARD
GUARD
DRIVE
S/H
+ INPUT
– INPUT
+12V
+12V
Figure 24. +12 V Single Supply Sampling Instrumentation Amplifier with Guard Drive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com