Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2135S Datasheet(PDF) 5 Page - Analog Devices

Part # SSM2135S
Description  Dual Single-Supply Audio Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2135S Datasheet(HTML) 5 Page - Analog Devices

  SSM2135S Datasheet HTML 1Page - Analog Devices SSM2135S Datasheet HTML 2Page - Analog Devices SSM2135S Datasheet HTML 3Page - Analog Devices SSM2135S Datasheet HTML 4Page - Analog Devices SSM2135S Datasheet HTML 5Page - Analog Devices SSM2135S Datasheet HTML 6Page - Analog Devices SSM2135S Datasheet HTML 7Page - Analog Devices SSM2135S Datasheet HTML 8Page - Analog Devices SSM2135S Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SSM2135
REV. D
–5–
10
100
10M
1M
100k
10k
1k
FREQUENCY – Hz
105
60
40
20
0
–20
–40
–60
–80
–100
–120
V
S = +5V
T
A = +25°C
Figure 13. Crosstalk vs. Frequency (RL = 10 kΩ)
140
100
0
1k
1M
100k
10k
100
120
60
80
20
40
FREQUENCY – Hz
V
S = +5V
T
A = +25°C
Figure 14. Common-Mode Rejection vs. Frequency
140
60
–20
10
100
1M
100k
10k
1k
80
100
120
0
20
40
FREQUENCY – Hz
V
S
= +5V
A
V
= +1
T
A
= +25
°C
+PSRR
–PSRR
Figure 15. Power Supply Rejection vs. Frequency
50
30
–20
10k
10M
1M
100k
1k
40
10
20
–10
0
FREQUENCY – Hz
V
S = +5V
T
A = +25°C
A
V = +100
A
V = +10
A
V = +1
Figure 16. Closed-Loop Gain vs. Frequency
100
40
–20
10k
10M
1M
100k
1k
20
0
60
80
FREQUENCY – Hz
90
225
135
180
45
0
V
S = +5V
T
A = +25°C
GAIN
PHASE
θm = 57°
Figure 17. Open-Loop Gain and Phase vs. Frequency
50
0
500
15
5
100
10
0
30
20
25
35
40
45
400
300
200
LOAD CAPACITANCE – pF
NEGATIVE
EDGE
POSITIVE
EDGE
V
S = +5V
R
L = 2kΩ
V
IN = 100mVp–p
T
A = +25°C
A
V = +1
Figure 18. Small Signal Overshoot vs. Load Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com