Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2135S Datasheet(PDF) 8 Page - Analog Devices

Part # SSM2135S
Description  Dual Single-Supply Audio Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2135S Datasheet(HTML) 8 Page - Analog Devices

Back Button SSM2135S Datasheet HTML 4Page - Analog Devices SSM2135S Datasheet HTML 5Page - Analog Devices SSM2135S Datasheet HTML 6Page - Analog Devices SSM2135S Datasheet HTML 7Page - Analog Devices SSM2135S Datasheet HTML 8Page - Analog Devices SSM2135S Datasheet HTML 9Page - Analog Devices SSM2135S Datasheet HTML 10Page - Analog Devices SSM2135S Datasheet HTML 11Page - Analog Devices SSM2135S Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SSM2135
REV. D
–8–
APPLICATION CIRCUITS
A Low Noise Stereo Headphone Driver Amplifier
Figure 29 shows the SSM2135 used in a stereo headphone
driver for multimedia applications with the AD1848, a 16-bit
stereo codec. The SSM2135 is equally well suited for the serial-
bused AD1849 stereo codec. The headphone’s impedance can
be as low as 25
Ω, which covers most commercially available high
fidelity headphones. Although the amplifier can operate at up to
±18 V supply, it is just as efficient powered by a single +5 V. At
this voltage, the amplifier has sufficient output drive to deliver
distortion-free sound to a low impedance headphone.
10µF
4
6
5
8
7
0.1µF
1/2
SSM2135
10µF
+5V
1/2
SSM2135
0.1µF
1
2
3
8.66k
Ω
10k
Ω
0.1µF
40
35/36
32
41
L CH
R CH
AGND
34/37
8.66k
Ω
10k
Ω
VCC
GND
VREF
ROUT
AD1848
LOUT
470µF
470µF
Figure 29. A Stereo Headphone Driver for Multimedia
Sound Codec
Figure 30 shows the total harmonic distortion characteristics
versus frequency driving into a 32
Ω load, which is a very typical
impedance for a high quality stereo headphone. The SSM2135
has excellent power supply rejection, and as a result, is tolerant
of poorly regulated supplies. However, for best sonic quality, the
power supply should be well regulated and heavily bypassed to
minimize supply modulation under heavy loads. A minimum of
10
µF bypass is recommended.
Figure 30. Headphone Driver THD+N vs. Frequency into a
32
Ω Load (V
S = +5 V, with 80 kHz Low-Pass Filter)
A Low Noise Microphone Preamplifier
The SSM2135’s 4.7 nV/
√Hz input noise in conjunction with
low distortion makes it an ideal device for amplifying low level
signals such as those produced by microphones. Figure 31 illus-
trates a stereo microphone input circuit feeding a multimedia
sound codec. As shown, the gain is set at 100 (40 dB), although
it can be set to other gains depending on the microphone output
levels. Figure 32 shows the preamplifier’s harmonic distortion
performance with 1 V rms output while operating from a single
+5 V supply.
The SSM2135 is biased to 2.25 V by the VREF pin of the
AD1848 codec. The same voltage is buffered by the 2N4124
transistor to provide “phantom power” to the microphone. A
typical electret condenser microphone with an impedance range
of 100
Ω to 1 kΩ works well with the circuit. This power booster
circuit may be omitted for dynamic microphone elements.
L CHANNEL
MIC IN
10µF
4
6
5
8
7
10µF
1/2
SSM2135
10µF
+5V
1/2
SSM2135
0.1µF
1
2
3
10k
Ω
10k
Ω
100
Ω
R CHANNEL
MIC IN
100
Ω
0.1µF
29
35/36
34/37
+5V
LMIC
VCC
GND
VREF
RMIC
AD1848
32
28
10k
Ω
10k
Ω
+5V
2N4124
10µF
2k
Ω
2k
Ω
Figure 31. Low Noise Microphone Preamp for Multimedia
Sound Codec
Figure 32. MIC Preamp THD+N Performance (VS = +5 V,
AV = 40 dB, VOUT = 1 V rms, with 80 kHz Low-Pass Filter)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com