Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2211P Datasheet(PDF) 5 Page - Analog Devices

Part # SSM2211P
Description  Low Distortion 1.5 Watt Audio Power Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2211P Datasheet(HTML) 5 Page - Analog Devices

  SSM2211P Datasheet HTML 1Page - Analog Devices SSM2211P Datasheet HTML 2Page - Analog Devices SSM2211P Datasheet HTML 3Page - Analog Devices SSM2211P Datasheet HTML 4Page - Analog Devices SSM2211P Datasheet HTML 5Page - Analog Devices SSM2211P Datasheet HTML 6Page - Analog Devices SSM2211P Datasheet HTML 7Page - Analog Devices SSM2211P Datasheet HTML 8Page - Analog Devices SSM2211P Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SSM2211
REV. 0
–5–
POUTPUT – W
10
1
0.01
20n
0.1
2
0.1
1
TA = 25 C
VDD = 3.3V
AVD = 2 (BTL)
RL = 8
FREQUENCY = 20Hz
CB = 0.1 F
Figure 13. THD+N vs. POUTPUT
FREQUENCY – Hz
10
1
0.01
20
100
20k
1k
10k
0.1
TA = 25 C
VDD = 2.7V
AVD = 2 (BTL)
RL = 8
PL = 250mW
CB = 0
CB = 0.1 F
CB = 1 F
Figure 16. THD+N vs. Frequency
POUTPUT – W
10
1
0.01
20n
0.1
2
0.1
1
TA = 25 C
VDD = 2.7V
AVD = 2 (BTL)
RL = 8
FREQUENCY = 20Hz
Figure 19. THD+N vs. POUTPUT
POUTPUT – W
10
1
0.01
20n
0.1
2
0.1
1
TA = 25 C
VDD = 3.3V
AVD = 2 (BTL)
RL = 8
FREQUENCY = 20kHz
CB = 0.1 F
Figure 15. THD+N vs. Frequency
FREQUENCY – Hz
10
1
0.01
20
100
20k
1k
10k
0.1
TA = 25 C
VDD = 2.7V
AVD = 20 (BTL)
RL = 8
PL = 250mW
CB = 0.1 F
CB = 1 F
Figure 18. THD+N vs. Frequency
POUTPUT – W
10
1
0.01
20n
0.1
2
0.1
1
TA = 25 C
VDD = 2.7V
AVD = 2 (BTL)
RL = 8
FREQUENCY = 20kHz
Figure 21. THD+N vs. POUTPUT
POUTPUT – W
10
1
0.01
20n
0.1
2
0.1
1
TA = 25 C
VDD = 3.3V
AVD = 2 (BTL)
RL = 8
FREQUENCY = 1kHz
CB = 0.1 F
Figure 14. THD+N vs. POUTPUT
FREQUENCY – Hz
10
1
0.01
20
100
20k
1k
10k
0.1
TA = 25 C
VDD = 2.7V
AVD = 10 (BTL)
RL = 8
PL = 250mW
CB = 0
CB = 0.1 F
CB = 1 F
Figure 17. THD+N vs. Frequency
POUTPUT – W
10
1
0.01
20n
0.1
2
0.1
1
TA = 25 C
VDD = 2.7V
AVD = 2 (BTL)
RL = 8
FREQUENCY = 1kHz
Figure 20. THD+N vs. POUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com