Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2211P Datasheet(PDF) 6 Page - Analog Devices

Part # SSM2211P
Description  Low Distortion 1.5 Watt Audio Power Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2211P Datasheet(HTML) 6 Page - Analog Devices

Back Button SSM2211P Datasheet HTML 2Page - Analog Devices SSM2211P Datasheet HTML 3Page - Analog Devices SSM2211P Datasheet HTML 4Page - Analog Devices SSM2211P Datasheet HTML 5Page - Analog Devices SSM2211P Datasheet HTML 6Page - Analog Devices SSM2211P Datasheet HTML 7Page - Analog Devices SSM2211P Datasheet HTML 8Page - Analog Devices SSM2211P Datasheet HTML 9Page - Analog Devices SSM2211P Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
FREQUENCY – Hz
10
1
0.01
20
100
20k
1k
10k
0.1
TA = 25 C
VDD = 5V
AVD = 10 SINGLE ENDED
CB = 0.1 F
CC = 1000 F
RL = 32
PO = 60mW
RL = 8
PO = 250mW
Figure 22. THD+N vs. Frequency
POUTPUT – W
10
1
0.01
20n
0.1
2
0.1
1
TA = 25 C
AVD = 2 (BTL)
RL = 8
FREQUENCY = 20Hz
CB = 0.1 F
VDD = 2.7V
VDD = 5V
VDD = 3.3V
Figure 25. THD+N vs. POUTPUT
TEMPERATURE – C
1.5
1
0
–20
0
100
20
40
60
80
0.5
TJ,MAX = 150 C
FREE AIR
NO HEAT SINK
SOIC JA = 98 C/W
Figure 28. Maximum Power
Dissipation vs. Ambient Temperature
FREQUENCY – Hz
10
1
0.01
20
100
20k
1k
10k
0.1
TA = 25 C
VDD = 2.7V
AVD = 10 SINGLE ENDED
CB = 0.1 F
CC = 1000 F
RL = 32
PO = 15mW
RL = 8
PO = 65mW
Figure 24. THD+N vs. Frequency
POUTPUT – W
10
1
0.01
20n
0.1
2
0.1
1
TA = 25 C
AVD = 2 (BTL)
RL = 8
FREQUENCY = 20kHz
CB = 0.1 F
VDD = 2.7V
VDD = 5V
VDD = 3.3V
Figure 27. THD+N vs. POUTPUT
SUPPLY VOLTAGE – V
14
0
0
1
6
2
3
4
5
12
10
8
4
2
6
TA = 25 C
RL = OPEN
Figure 30. Supply Current vs.
Supply Voltage
FREQUENCY – Hz
10
1
0.01
20
100
20k
1k
10k
0.1
TA = 25 C
VDD = 3.3V
AVD = 10 SINGLE ENDED
CB = 0.1 F
CC = 1000 F
RL = 32
PO = 20mW
RL = 8
PO = 85mW
Figure 23. THD+N vs. Frequency
POUTPUT – W
10
1
0.01
20n
0.1
2
0.1
1
TA = 25 C
AVD = 2 (BTL)
RL = 8
FREQUENCY = 1kHz
CB = 0.1 F
VDD = 2.7V
VDD = 5V
VDD = 3.3V
Figure 26. THD+N vs. POUTPUT
SHUTDOWN VOLTAGE AT PIN 1 – V
10,000
8,000
0
0
5
1
2
3
4
6,000
4,000
2,000
VDD = +5V
Figure 29. Supply Current vs.
Shutdown Voltage
SSM2211–Typical Performance Characteristics
REV. 0
–6–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com