Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20060270010 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # 20060270010
Description  Intel짰 Core??i7/i5/Celeron uFC-PGA989 Mini-ITX with CRT/2DVI/LVDS, 6 COM, Dual LAN, PCIe x16
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

20060270010 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  20060270010 Datasheet HTML 1Page - Advantech Co., Ltd. 20060270010 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Motherboards
Features
ƒ Supports Intel® Core™ i7 and i5 mobile processor (PGA) with Intel QM57
chipset
ƒ Supports dual display of 2 DVI, LVDS, and CRT
ƒ Supports PCIe x16 (Gen 2) and mini PCIe
ƒ Supports, AMT6.0 and software RAID 0, 1, 5, 10
ƒ Supports SUSIAccess and Embedded Software APIs
AIMB-270 Intel®Core™i7/i5/CeleronuFC-PGA989Mini-ITX
with CRT/2DVI/LVDS, 6 COM, Dual LAN, PCIe x16
Specifications
Processor System
CPU
Intel Core i7-620M
Intel Core i5-520M
Intel Celeron
Max. Speed
2.66 GHz
2.4 GHz
1.86 GHz
DMI/FDI
DMI/FDI
L2 Cache
4 MB
3 MB
2 MB
Chipset
Intel 5 series Chipset (QM57)
BIOS
AMI EFI 64 Mbit SPI
Expansion Slot
PCI
-
Mini-PCIe
1
PCIe x16 (Gen2)
8 GB/s per direction, 1 slot
Memory
Technology
DDR3 800/1066 MHz SDRAM
Max. Capacity
8 GB
Socket
2x 204 PIN DDR3 SO-DIMM (Non-ECC)
Graphics
Controller
Integrated Gfx Gen5.75, supports DirectX 10 and OpenGL 2.1
VRAM
1GB maximum shared memory with 2GB and above system memory installed
CRT
Yes, supports max. resolution 2048 x 1536
LVDS
Single channel 18/24-bit/Dual channel 36/48-bit LVDS, supports max resolution 1920 x 1200
1st DVI
Yes, supports max. resolution 1920 x 1200
2nd DVI
Yes, with internal pin header, supports max. resolution 1920 x 1200
Dual Display
CRT+LVDS, CRT+DVI, LVDS+DVI
Ethernet
Interface
10/100/1000 Mbps
Controller
GbE LAN1: Intel 82577LM, LAN2: Intel 82583V
Connector
RJ-45 x 2
SATA
Max Data Transfer Rate
300 MB/s
Channel
4
Rear I/O
CRT
1
DVI
1
Ethernet
2
USB
4 (USB 2.0 compliant)
Audio
3 (Mic-in, Line-out, Line-in)
Serial
2 (RS-232)
PS/2
2 (1 x keyboard and 1 x mouse)
Internal Connector
USB
4 (USB 2.0 compliant)
LVDS/inverter
1
2nd DVI
1
Serial
4 (RS-232)
IDE
-
SATA
4
Mini-PCIe
1
Parallel
-
IrDA
-
GPIO
8-bit
Watchdog Timer
Output
System reset
Interval
Programmable 1 ~ 255 sec/min
Power Requirements
Power On
Intel Core i7-620M 2.66 GHz, 4 GB DDR3 1333 MHz SDRAM
5 V
3.3 V
12 V
5 Vsb
-12 V
3.42 A
1.1 A
1.19 A
0.5 A
0.07A
Environment
Operating
Non-Operating
Temperature
0 ~ 60° C (32 ~ 140° F), depends on CPU speed
and cooler solution
-20 ~ 70° C (-4 ~ 158° F)
Physical Characteristics
Dimensions
170 mm x 170 mm (6.69" x 6.69")
Watchdog
H/W Monitor
SMBus
Utilities:
GPIO
Software APIs:
Brightness
BIOS flash Monitoring
All product specifications are subject to change without notice
Last updated : 13-Jun-2012


Similar Part No. - 20060270010

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
2006021 TURCK-2006021 Datasheet
200Kb / 4P
Capacitive Sensor – With Increased Temperature Range
11/07/2023
logo
Advantech Co., Ltd.
2006021531 ADVANTECH-2006021531 Datasheet
1Mb / 2P
Intel Celeron Quad Core J1900/N2930/N2807 Mini-ITX with CRT/LVDS/DP,6 COM, and Dual LAN
5-Jan-2017
2006025810 ADVANTECH-2006025810 Datasheet
1Mb / 2P
Intel짰 Core?? Duo Socket 479 Mini-ITX with CRT/DVI/LVDS, 6 COM and Dual LAN
2006026700 ADVANTECH-2006026700 Datasheet
1Mb / 2P
Intel짰 Core?? Quad LGA 775 mini-ITX with CRT/LVDS, 8 COM, Dual LAN
2006028510 ADVANTECH-2006028510 Datasheet
836Kb / 2P
Intel® Core™ i7/i5/i3 LGA 1151 Mini-ITX with DP/HDMI/VGA, 2 COM, Dual LAN,PCIe x4, miniPCIe, DDR4, DC Input
11-Aug-2022
More results

Similar Description - 20060270010

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-270 ADVANTECH-AIMB-270 Datasheet
860Kb / 2P
Intel짰 Core i7/i5/Celeron Mini-ITX with VGA/DVI/LVDS, 6 COM, Dual LAN, PCIe x 16
20-Jan-2010
AIMB-273 ADVANTECH-AIMB-273 Datasheet
1Mb / 2P
Intel짰 Core??i7/i5/i3/Celeron uFC-PGA988 Mini-ITX with 2 DP/HDMI/LVDS/CRT, 2 COM, Dual LAN, PCIe x16
AIMB-272 ADVANTECH-AIMB-272 Datasheet
2Mb / 2P
Intel짰 Core??i7/i5/i3/Celeron uFC-PGA988 Mini-ITX with CRT/DVI/HDMI/LVDS, 6 COM, Dual LAN, PCIe x16
AIMB-273 ADVANTECH-AIMB-273_13 Datasheet
699Kb / 2P
Intel짰 Core??i7/i5/i3/Celeron uFC-PGA988 Mini-ITX with 2 DP/HDMI/LVDS/CRT, 2 COM, Dual LAN, PCIe x16
AIMB-280 ADVANTECH-AIMB-280_12 Datasheet
1Mb / 2P
Intel짰 Core??i7/i5/i3/Pentium짰 LGA1156 Mini-ITX with CRT/DVI, 2 COM, Dual LAN, PCIe x16
AIMB-203 ADVANTECH-AIMB-203 Datasheet
1Mb / 2P
Intel짰 Core??i7/i5/i3 LGA 1150 Mini-ITX with CRT/DP/DVI/LVDS, 9 COM, Dual LAN, PCIe x16
AIMB-274 ADVANTECH-AIMB-274 Datasheet
1,009Kb / 2P
Intel짰 Core??i7/i5/i3 LGA 1150 Mini-ITX with VGA/DP/HDMI(DP)/LVDS(eDP),2 COM, Dual LAN, PCIe x16
AIMB-281 ADVANTECH-AIMB-281 Datasheet
1Mb / 2P
Intel짰 Core??i7/i5/i3/Celeron LGA1155 Mini-ITX with CRT/DVI/LVDS, 6 COM,Dual LAN, PCIe x4
AIMB-275 ADVANTECH-AIMB-275 Datasheet
3Mb / 140P
Intel짰 Core??i7/i5/i3/Pentium/ Celeron LGA1151 Mini-ITX with CRT/LVDS/HDMI/DP, 2 COM, Dual LAN, PCIe x16, 12 ~ 24 V DCIN
AIMB-281 ADVANTECH-AIMB-281_V01 Datasheet
1Mb / 2P
Intel짰 Core??i7/i5/i3/Celeron LGA1155 Mini-ITX with CRT/DVI/LVDS, 6 COM, Dual LAN, PCIe x4
15-Feb-2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com