Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20060270010 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # 20060270010
Description  Intel짰 Core??i7/i5/Celeron uFC-PGA989 Mini-ITX with CRT/2DVI/LVDS, 6 COM, Dual LAN, PCIe x16
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

20060270010 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  20060270010 Datasheet HTML 1Page - Advantech Co., Ltd. 20060270010 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
AIMB-270
Ordering Information
Part Number
CRT
2 DVI
GbE LAN
COM
AIMB-270G2-00A1E
Yes
Yes
2
6
Packing List
Part Number
Description
Quantity
1700003194
SATA HDD cable
2
1703150102
SATA power cable
2
1960051292N001
CPU cooler
1
1701400181
1-to-4 serial ports cable kit, 18 cm
1
1960019193T100
I/O port bracket
1
20060270010
Startup manual
1
20660270000
Driver CD
1
I/O View
Intel Core i7/i5/Celeron
BIOS
ALC892
Super I/O
83627DHG-P
2 RS-232,
PS/2, WDT,
8 GPIO
4 RS-232
QM57
PCIe x 16
DDR3 800/1066
Channel A
DDR3 800/1066
Channel B
Intel 82577LM
Mini-PCIe
PCIe x 16
CRT
1st DVI
4SATA PORS
8USB PORTS
DVI
CRT
2nd DVI
DVI
PCIe x1
PCIe x1
Intel 82583V
PCIe x1
Fintek F81216AD
SATA2
USB 2.0
LVDS
24/48 bit
Optional Accessories
Part Number
Description
1700003195
USB cable with two ports, 17.5 cm
1700002204
USB cable with two ports, 27 cm
1700008461
USB cable with four ports, 30.5 cm
1700008822
DVI cable
Embedded OS/API
OS/API
Part No.
Description
Win XPE
2070009655
XPE WES2009 QM57 AIMB-270 V4.0 ENG
2070009656
XPE WES2009 QM57 AIMB-270 V4.0
MUI24
Software API
205E270001
SUSI 3.0 SW API for AIMB-270 XP
AIMB-270G2-00A1E



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com