Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3605 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3605
Description  17V, 1A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3605 Datasheet(HTML) 1 Page - Linear Technology

  LTC3605 Datasheet HTML 1Page - Linear Technology LTC3605 Datasheet HTML 2Page - Linear Technology LTC3605 Datasheet HTML 3Page - Linear Technology LTC3605 Datasheet HTML 4Page - Linear Technology LTC3605 Datasheet HTML 5Page - Linear Technology LTC3605 Datasheet HTML 6Page - Linear Technology LTC3605 Datasheet HTML 7Page - Linear Technology LTC3605 Datasheet HTML 8Page - Linear Technology LTC3605 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC3621/LTC3621-2
1
3621f
For more information www.linear.com/LTC3621
Typical applicaTion
FeaTures
DescripTion
17V, 1A Synchronous
Step-Down Regulator with
3.5µA Quiescent Current
The LTC®3621/LTC3621-2 is a high efficiency 17V, 1A
synchronous monolithic step-down regulator. The switch-
ing frequency is fixed to 1MHz or 2.25MHz. The regulator
features ultralow quiescent current and high efficiencies
over a wide VOUT range.
The step-down regulator operates from an input voltage
range of 2.7V to 17V and provides an adjustable output
range from 0.6V to VIN while delivering up to 1A of output
current. A user-selectable mode input is provided to allow
the user to trade off ripple noise for light load efficiency;
Burst Mode operation provides the highest efficiency at
light loads, while pulse-skipping mode provides the low-
est voltage ripple.
List of LTC3621 Options
PART NAME
FREQUENCY
VOUT
LTC3621
1.00MHz
Adjustable
LTC3621-2
2.25MHz
Adjustable
Efficiency and Power Loss vs Load
2.5V VOUT with 400mA Burst Clamp, fSW = 1MHz
applicaTions
n
Wide VIN Range: 2.7V to 17V
n
Wide VOUT Range: 0.6V to VIN
n
95% Max Efficiency
n
Low IQ < 3.5µA, Zero-Current Shutdown
n
Constant Frequency (1MHz/2.25MHz)
n
Full Dropout Operation with Low IQ
n
1A Rated Output Current
n
±1% Output Voltage Accuracy
n
Current Mode Operation for Excellent Line and Load
Transient Response
n
Pulse-Skipping, Forced Continuous, Burst Mode®
Operation
n
Internal Compensation and Soft-Start
n
Overtemperature Protection
n
Compact 6-Lead DFN (2mm
× 3mm) Package or
8-Lead MSOPE Package with Power Good Output
and Independent SGND Pin
n
Portable-Handheld Scanners
n
Automotive Applications
n
Emergency Radio
L
, LT, LTC, LTM, Burst Mode, Linear Technology and the Linear logo are registered trademarks
and Hot Swap is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners. Protected by U.S. Patents, including 5481178, 6580258,
6498466, 6611131, 6177787, 5705919, 5847554.
604k
22pF
1µF
22µF
3621 TA01a
4.7µH
VOUT
2.5V
1A
191k
VIN
RUN
SW
VIN
2.7V TO 17V
LTC3621
GND
FB
MODE
INTVCC
10µF
LOAD CURRENT (A)
0.0001
0
10
30
40
50
100
70
0.001
0.01
3621 TA01b
20
80
90
60
0.0001
0.001
1.0
0.1
0.01
0.1
1
EFFICIENCY
POWER LOSS
VIN = 12V


Similar Part No. - LTC3605

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3605 LINER-LTC3605 Datasheet
627Kb / 28P
Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3605 LINER-LTC3605 Datasheet
637Kb / 28P
Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3605 LINER-LTC3605 Datasheet
1Mb / 24P
A 7-Bit Current DAC with PMBus Interface
logo
Analog Devices
LTC3605 AD-LTC3605 Datasheet
1Mb / 24P
A 7-Bit Current DAC with PMBus Interface
04/18-REV.A
LTC3605 AD-LTC3605 Datasheet
2Mb / 44P
25A Monolithic Synchronous DC/DC Step-Down Converter with PMBus Interface
Rev. 0
More results

Similar Description - LTC3605

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3621 LINER-LTC3621_15 Datasheet
289Kb / 18P
17V, 1A Synchronous Step-Down Regulator with 3.5A Quiescent Current
LTC3621-2 LINER-LTC3621-2_15 Datasheet
289Kb / 18P
17V, 1A Synchronous Step-Down Regulator with 3.5A Quiescent Current
LTC3622 LINER-LTC3622_15 Datasheet
593Kb / 24P
17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
LTC3622-2 LINER-LTC3622-2_15 Datasheet
593Kb / 24P
17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
LTC3622-23 LINER-LTC3622-23_15 Datasheet
593Kb / 24P
17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
LTC3624 LINER-LTC3624_15 Datasheet
369Kb / 20P
17V, 2A Synchronous Step-Down Regulator with 3.5A Quiescent Current
LTC3624-2 LINER-LTC3624-2_15 Datasheet
369Kb / 20P
17V, 2A Synchronous Step-Down Regulator with 3.5A Quiescent Current
LTC3622 LINER-LTC3622 Datasheet
1Mb / 24P
17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
LTC3624 LINER-LTC3624 Datasheet
324Kb / 20P
17V, 2A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
LTC7124 LINER-LTC7124 Datasheet
1Mb / 22P
17V, Dual 3.5A Synchronous Step-Down Regulator with Ultralow Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com