Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3605 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3605
Description  17V, 1A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3605 Datasheet(HTML) 4 Page - Linear Technology

  LTC3605 Datasheet HTML 1Page - Linear Technology LTC3605 Datasheet HTML 2Page - Linear Technology LTC3605 Datasheet HTML 3Page - Linear Technology LTC3605 Datasheet HTML 4Page - Linear Technology LTC3605 Datasheet HTML 5Page - Linear Technology LTC3605 Datasheet HTML 6Page - Linear Technology LTC3605 Datasheet HTML 7Page - Linear Technology LTC3605 Datasheet HTML 8Page - Linear Technology LTC3605 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC3621/LTC3621-2
4
3621f
For more information www.linear.com/LTC3621
Typical perForMance characTerisTics
Burst Mode Operation
Pulse-Skipping Mode Operation
Load Step
Soft-Start Operation
Efficiency vs Input Voltage
Oscillator Frequency
vs Temperature
Efficiency vs Load Current
(Burst Mode Operation)
VIN Supply Current
vs Input Voltage
Efficiency vs Load at Dropout
Operation
TJ = 25°C, unless otherwise noted.
INPUT VOLTAGE (V)
0
3
4
5
16
3621 G02
2
1
0
2
4
6
8 10 12 14
18 20
SLEEP
SD
3621 G04
SW
5V/DIV
4µs/DIV
VOUT
AC-COUPLED
50mV/DIV
IL
500mA/DIV
VIN = 12V
VOUT = 3.3V
Burst Mode OPERATION
IOUT = 50mA
L = 2.2µH
3621 G07
RUN
5V/DIV
PGOOD
2V/DIV
VOUT
1V/DIV
IL
0.5A/DIV
400µs/DIV
3621 G05
SW
5V/DIV
VOUT
AC-COUPLED
50mV/DIV
IL
500mA/DIV
VIN = 12V
VOUT = 3.3V
PULSE SKIP MODE
IOUT = 10mA
L = 2.2µH
4µs/DIV
3621 G06
ILOAD
500mA/DIV
VOUT
100mV/DIV
IL
500mA/DIV
VIN = 12V
VOUT = 3.3V
ILOAD = 0.05A
40µs/DIV
LOAD CURRENT (A)
3621 G01
100
90
80
70
60
50
40
30
20
10
0
0.001
0.1
1
0.01
VIN = 12V
FREQUENCY = 2.25MHz
VOUT = 2.5V
VOUT = 3.3V
VOUT = 5V
LOAD CURRENT (A)
3621 G03
100
90
80
70
60
50
40
30
20
10
0
0.0001
0.001
0.1
1
0.01
VIN = 5V
FREQUENCY = 2.25MHz
FORCED
CONTINUOUS
MODE
Burst Mode
OPERATION
TEMPERATURE (°C)
–50
2.30
2.35
2.45
2.50
2.40
25
75
3621 G09
2.25
2.20
–25
0
50
100
125
2.15
2.05
2.00
2.10
INPUT VOLTAGE (V)
0
70
5
96
3621 G08
10
15
20
94
92
90
88
86
84
82
80
78
76
74
72
VOUT = 2.5V
ILOAD = 10mA
ILOAD = 1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com