Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3605 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC3605
Description  Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3605 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC3605 Datasheet HTML 14Page - Linear Technology LTC3605 Datasheet HTML 15Page - Linear Technology LTC3605 Datasheet HTML 16Page - Linear Technology LTC3605 Datasheet HTML 17Page - Linear Technology LTC3605 Datasheet HTML 18Page - Linear Technology LTC3605 Datasheet HTML 19Page - Linear Technology LTC3605 Datasheet HTML 20Page - Linear Technology LTC3605 Datasheet HTML 21Page - Linear Technology LTC3605 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LTC3633A/LTC3633A-1
18
3633a1f
APPLICATIONS INFORMATION
this tracking mode, VOUT1 must be set higher than VOUT2.
To implement the ratiometric tracking, the feedback pin of
the master channel should connect to the TRACKSS pin of
the slave channel (as in Figure 5b). By selecting different
resistors, the LTC3633A can achieve different modes of
tracking including the two in Figure 4.
Upon start-up, the regulator defaults to Burst Mode opera-
tion until the output exceeds 80% of its final value (VFB >
0.48V). Once the output reaches this voltage, the operating
mode of the regulator switches to the mode selected by
the MODE/SYNC pin as described above. During normal
operation, if the output drops below 10% of its final value
(as it may when tracking down, for instance), the regula-
tor will automatically switch to Burst Mode operation to
prevent inductor saturation and improve TRACKSS pin
accuracy.
Output Power Good
The PGOOD output of the LTC3633A is driven by a 20Ω
(typical) open-drain pull-down device. This device will be
turned off once the output voltage is within 5% (typical) of
the target regulation point, allowing the voltage at PGOOD
to rise via an external pull-up resistor. If the output voltage
exits an 8% (typical) regulation window around the target
regulation point, the open-drain output will pull down
with 20Ω output resistance to ground, thus dropping the
PGOOD pin voltage. This behavior is described in Figure 6.
Figure 6. PGOOD Pin Behavior
PGOOD
VOLTAGE
OUTPUT VOLTAGE
NOMINAL OUTPUT
0%
8%
–5%
5%
3633a F06
–8%
R3
R1
R4
R2
R3
VOUT2
R4
(5a) Coincident Tracking Setup
TO
VFB1
PIN
TO
TRACKSS2
PIN
TO
VFB2
PIN
VOUT1
R1
R2
R3
VOUT2
R4
3633a F05
(5b) Ratiometric Tracking Setup
TO
VFB1
PIN
TO
TRACKSS2
PIN
TO
VFB2
PIN
VOUT1
Figure 5. Setup for Coincident and Ratiometric Tracking
A filter time of 40μs (typical) acts to prevent unwanted
PGOOD output changes during VOUT transient events.
As a result, the output voltage must be within the target
regulation window of 5% for 40μs before the PGOOD pin
pulls high. Conversely, the output voltage must exit the
8% regulation window for 40μs before the PGOOD pin
pulls to ground.
Efficiency Considerations
The percent efficiency of a switching regulator is equal to
the output power divided by the input power times 100%.
It is often useful to analyze individual losses to determine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com