Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3605 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3605
Description  Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3605 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3605 Datasheet HTML 2Page - Linear Technology LTC3605 Datasheet HTML 3Page - Linear Technology LTC3605 Datasheet HTML 4Page - Linear Technology LTC3605 Datasheet HTML 5Page - Linear Technology LTC3605 Datasheet HTML 6Page - Linear Technology LTC3605 Datasheet HTML 7Page - Linear Technology LTC3605 Datasheet HTML 8Page - Linear Technology LTC3605 Datasheet HTML 9Page - Linear Technology LTC3605 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LTC3633A/LTC3633A-1
6
3633a1f
Burst Mode Operation
Internal MOSFET RDS(ON)
vs Temperature
Quiescent Current vs VIN
Burst Mode Operation
Switch Leakage vs Temperature
Valley Current Limit
vs Temperature
TRACKSS Pull-Up Current
vs Temperature
TYPICAL PERFORMANCE CHARACTERISTICS
Shutdown Current vs VIN
V2P5 Load Regulation
Load Step
4
100
200
300
500
8
20
3633a G11
0
600
900
800
700
400
610
12
16
14
18
90°C
25°C
–40°C
VIN (V)
4
2
4
6
10
8
20
3633a G12
0
12
24
22
16
18
20
14
8
6
1012141618
VIN (V)
–50
1000
2000
3000
5000
0
150
100 125
3633a G13
0
6000
10000
9000
8000
7000
4000
–25
25
50
75
TEMPERATURE (°C)
SYNCHRONOUS SWITCH
MAIN SWITCH
TJ = 25°C, VIN1 = VIN2 = 12V, fSW = 1MHz, L = 1μH
unless otherwise noted.
TEMPERATURE (°C)
–50
1.4
1.6
2.0
25
75
3633a G15
1.2
1.0
–25
0
50
100
125
0.8
0.6
1.8
–50
3.4
3.5
50
3633a G14
3.3
3.7
3.6
3.9
3.8
25
–25
0
75
100
125
TEMPERATURE (°C)
0
2.496
2.498
6
3633a G16
2.494
2.502
2.500
2.506
2.504
4
28
10
ILOAD (mA)
IL
1A/DIV
SW
10V/DIV
5μs/DIV
3633a G17
VOUT
50mV/DIV
VOUT = 1.8V
ILOAD = 100mA
IL
2A/DIV
20μs/DIV
3633a G18
VOUT
AC-COUPLED
100mV/DIV
VOUT = 1.8V
ILOAD = 100mA to 3A
CITH = 220pF
RITH = 13kΩ
–50
–25
0
20
60
80
100
140
50
125
3633a G10
40
160
200
180
120
0
25
75
100
TEMPERATURE (°C)
TOP SWITCH
BOTTOM SWITCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com