Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3891 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC3891
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3891 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC3891 Datasheet HTML 19Page - Linear Technology LTC3891 Datasheet HTML 20Page - Linear Technology LTC3891 Datasheet HTML 21Page - Linear Technology LTC3891 Datasheet HTML 22Page - Linear Technology LTC3891 Datasheet HTML 23Page - Linear Technology LTC3891 Datasheet HTML 24Page - Linear Technology LTC3891 Datasheet HTML 25Page - Linear Technology LTC3891 Datasheet HTML 26Page - Linear Technology LTC3891 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
LTC3890-2
23
38902f
High input voltage applications in which large MOSFETs
are being driven at high frequencies may cause the
maximum junction temperature rating for the LTC3890-2
to be exceeded. The INTVCC current, which is dominated
by the gate charge current, may be supplied by either the
VIN LDO or the EXTVCC LDO. When the voltage on the
EXTVCC pin is less than 4.7V, the VIN LDO is enabled. Power
dissipation for the IC in this case is highest and is equal
to VIN • IINTVCC. The gate charge current is dependent
on operating frequency as discussed in the Efficiency
Considerations section. The junction temperature can be
estimated by using the equations given in Note 3 of the
Electrical Characteristics. For example, the LTC3890E-2
INTVCC current is limited to less than 32mA from a 40V
supply when not using the EXTVCC supply at a 70°C ambi-
ent temperature:
TJ = 70°C + (32mA)(40V)(43°C/W) = 125°C
To prevent the maximum junction temperature from be-
ing exceeded, the input supply current must be checked
while operating in forced continuous mode (PLLIN/MODE
= INTVCC) at maximum VIN.
When the voltage applied to EXTVCC rises above 4.7V, the
VIN LDO is turned off and the EXTVCC LDO is enabled. The
EXTVCC LDO remains on as long as the voltage applied to
EXTVCC remains above 4.5V. The EXTVCC LDO attempts
to regulate the INTVCC voltage to 5.1V, so while EXTVCC
is less than 5.1V, the LDO is in dropout and the INTVCC
voltage is approximately equal to EXTVCC. When EXTVCC
is greater than 5.1V, up to an absolute maximum of 14V,
INTVCC is regulated to 5.1V.
Using the EXTVCC LDO allows the MOSFET driver and
control power to be derived from one of the LTC3890-2’s
switching regulator outputs (4.7V ≤ VOUT ≤ 14V) during
normal operation and from the VIN LDO when the output
is out of regulation (e.g., start-up, short-circuit). If more
current is required through the EXTVCC LDO than is speci-
APPLICATIONS INFORMATION
fied, an external Schottky diode can be added between the
EXTVCC and INTVCC pins. In this case, do not apply more
than 6V to the EXTVCC pin and make sure that EXTVCC ≤ VIN.
Significant efficiency and thermal gains can be realized
by powering INTVCC from the output, since the VIN cur-
rent resulting from the driver and control currents will be
scaled by a factor of (Duty Cycle)/(Switcher Efficiency).
For 5V to 14V regulator outputs, this means connecting
the EXTVCC pin directly to VOUT. Tying the EXTVCC pin to
an 8.5V supply reduces the junction temperature in the
previous example from 125°C to:
TJ = 70°C + (32mA)(8.5V)(43°C/W) = 82°C
However, for 3.3V and other low voltage outputs, additional
circuitry is required to derive INTVCCpowerfromtheoutput.
The following list summarizes the four possible connec-
tions for EXTVCC:
1. EXTVCC Grounded.ThiswillcauseINTVCC tobepowered
from the internal 5.1V regulator resulting in an efficiency
penalty of up to 10% at high input voltages.
2. EXTVCC Connected Directly to VOUT. This is the normal
connection for a 5V to 14V regulator and provides the
highest efficiency.
3. EXTVCC Connected to an External Supply. If an external
supply is available in the 5V to 14V range, it may be
used to power EXTVCCprovidingitiscompatiblewiththe
MOSFET gate drive requirements. Ensure that EXTVCC
< VIN.
4. EXTVCCConnectedtoanOutput-DerivedBoostNetwork.
For 3.3V and other low voltage regulators, efficiency
gains can still be realized by connecting EXTVCC to an
output-derived voltage that has been boosted to greater
than 4.7V. This can be done with the capacitive charge
pump shown in Figure 9. Ensure that EXTVCC < VIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com