Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3891 Datasheet(PDF) 30 Page - Linear Technology

Part # LTC3891
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3891 Datasheet(HTML) 30 Page - Linear Technology

Back Button LTC3891 Datasheet HTML 26Page - Linear Technology LTC3891 Datasheet HTML 27Page - Linear Technology LTC3891 Datasheet HTML 28Page - Linear Technology LTC3891 Datasheet HTML 29Page - Linear Technology LTC3891 Datasheet HTML 30Page - Linear Technology LTC3891 Datasheet HTML 31Page - Linear Technology LTC3891 Datasheet HTML 32Page - Linear Technology LTC3891 Datasheet HTML 33Page - Linear Technology LTC3891 Datasheet HTML 34Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
LTC3890-2
30
38902f
APPLICATIONS INFORMATION
Design Example
As a design example for one channel, assume VIN = 12V
(nominal), VIN = 22V (max), VOUT = 3.3V, IMAX = 5A,
VSENSE(MAX) = 75mV and f = 350kHz.
The inductance value is chosen first based on a 30% ripple
current assumption. The highest value of ripple current
occurs at the maximum input voltage. Tie the FREQ pin
to GND, generating 350kHz operation. The minimum
inductance for 30% ripple current is:
ΔI
L =
VOUT
f
() L()
1–
VOUT
VIN(NOM)
⎛
⎝
⎜⎜
⎞
⎠
⎟⎟
A 4.7μH inductor will produce 29% ripple current. The
peak inductor current will be the maximum DC value plus
one half the ripple current, or 5.73A. Increasing the ripple
current will also help ensure that the minimum on-time
of 95ns is not violated. The minimum on-time occurs at
maximum VIN:
tON(MIN) =
VOUT
VIN(MAX) f
()
=
3.3V
22V 350kHz
()
= 429ns
The equivalent RSENSE resistor value can be calculated by
using the minimum value for the maximum current sense
threshold (64mV):
RSENSE ≤
64mV
5.73A
≈ 0.01
Ω
Choosing 1% resistors: RA = 25k and RB = 78.7k yields
an output voltage of 3.32V.
The power dissipation on the topside MOSFET can be easily
estimated. Choosing a Fairchild FDS6982S dual MOSFET
results in: RDS(ON) = 0.035Ω/0.022Ω, CMILLER = 215pF. At
maximum input voltage with T(estimated) = 50°C:
PMAIN =
3.3V
22V
5A
()2 1+ 0.005
() 50°C– 25°C
()
⎡⎣
⎤⎦
0.035
Ω
()+ 22V
()2
5A
2
2.5
Ω
() 215pF
() •
1
5V – 2.3V
+
1
2.3V
⎡
⎣⎢
⎤
⎦⎥
350kHz
() = 331mW
A short-circuit to ground will result in a folded back cur-
rent of:
ISC =
34mV
0.01
Ω
–
1
2
95ns 22V
()
4.7μH
⎛
⎝
⎜
⎞
⎠
⎟ = 3.18A
with a typical value of RDS(ON) and δ = (0.005/°C)(25°C)
= 0.125. The resulting power dissipated in the bottom
MOSFET is:
PSYNC = 3.28A
()2 1.125
() 0.022Ω
()
= 250mW
which is less than under full-load conditions.
CIN is chosen for an RMS current rating of at least 3A at
temperature assuming only this channel is on. COUT is
chosen with an ESR of 0.02Ω for low output ripple. The
output ripple in continuous mode will be highest at the
maximum input voltage. The output voltage ripple due to
ESR is approximately:
VORIPPLE = RESR (ΔIL) = 0.02Ω(1.45A) = 29mVP-P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com