Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2164 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2164
Description  50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2164 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2164 Datasheet HTML 8Page - Linear Technology LTC2164 Datasheet HTML 9Page - Linear Technology LTC2164 Datasheet HTML 10Page - Linear Technology LTC2164 Datasheet HTML 11Page - Linear Technology LTC2164 Datasheet HTML 12Page - Linear Technology LTC2164 Datasheet HTML 13Page - Linear Technology LTC2164 Datasheet HTML 14Page - Linear Technology LTC2164 Datasheet HTML 15Page - Linear Technology LTC2164 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC6431-15
14
643115f
s paraMeTers 5V, 90mA, Z = 50Ω, T = 25°C, De-Embedded to Package Pins
FREQUENCY
(MHz)
S11
(Mag)
S11
(Ph)
S21
(Mag)
S21
(Ph)
S12
(Mag)
S12
(Ph)
S22
(Mag)
S22
(Ph)
GTU
(Max)
Stability
(K)
23.5
–14.90
–93.74
15.94
166.13
–19.01
8.83
–15.39
–77.56
16.21
0.99
83.5
–21.83
–128.88
15.54
169.51
–18.92
–3.42
–26.58
–72.76
15.58
1.07
143
–22.33
–142.38
15.54
166.10
–18.98
–8.97
–31.71
–52.44
15.57
1.07
203
–22.14
–153.70
15.54
161.63
–19.04
–13.69
–36.22
–29.74
15.57
1.08
263
–21.88
–162.35
15.52
156.90
–19.10
–18.05
–36.75
–13.45
15.55
1.08
323
–21.02
–168.55
15.49
152.16
–19.15
–22.46
–35.10
–3.73
15.52
1.08
383
–20.39
–172.14
15.42
147.41
–19.23
–26.61
–31.62
0.84
15.46
1.09
443
–19.55
–175.07
15.41
142.91
–19.29
–30.83
–29.46
–1.01
15.46
1.09
503
–18.88
–177.54
15.37
138.07
–19.37
–34.91
–26.62
–2.90
15.44
1.09
563
–18.39
179.31
15.35
133.30
–19.44
–39.04
–25.06
–7.32
15.43
1.09
623
–18.02
175.72
15.32
128.48
–19.53
–43.16
–23.84
–14.68
15.41
1.10
683
–17.70
171.89
15.29
123.64
–19.61
–47.19
–22.46
–23.42
15.39
1.10
743
–17.37
168.02
15.26
118.80
–19.71
–51.39
–21.37
–30.32
15.37
1.10
803
–17.06
164.02
15.20
113.94
–19.82
–55.31
–20.17
–37.91
15.33
1.11
863
–16.73
160.39
15.17
109.07
–19.92
–59.53
–19.13
–44.68
15.31
1.11
923
–16.35
156.50
15.12
104.20
–20.04
–63.43
–18.11
–50.82
15.29
1.11
983
–16.05
152.86
15.07
99.34
–20.16
–67.53
–17.31
–57.37
15.26
1.12
1049
–15.76
149.53
15.02
94.39
–20.29
–71.52
–16.51
–63.98
15.24
1.12
1109
–15.51
146.42
14.98
89.31
–20.42
–75.48
–15.82
–70.79
15.22
1.13
1160
–15.29
143.29
14.90
84.36
–20.55
–79.56
–15.22
–78.18
15.16
1.13
1220
–15.13
141.27
14.87
79.21
–20.70
–83.45
–14.56
–85.99
15.16
1.14
1280
–14.93
138.82
14.80
74.05
–20.84
–87.50
–13.94
–93.89
15.12
1.14
1340
–14.75
137.08
14.72
69.04
–21.01
–91.46
–13.37
–101.73
15.07
1.15
1400
–14.52
135.84
14.67
63.48
–21.14
–95.38
–12.79
–109.91
15.06
1.16
1460
–14.26
134.03
14.55
58.17
–21.34
–99.38
–12.27
–117.55
14.98
1.17
1520
–13.88
132.68
14.43
52.80
–21.47
–103.25
–11.71
–125.53
14.91
1.18
1580
–13.48
130.52
14.27
47.38
–21.63
–107.46
–11.24
–134.17
14.80
1.19
1640
–13.07
128.54
14.06
42.05
–21.83
–111.37
–10.62
–142.12
14.67
1.20
1700
–12.67
126.19
13.82
37.06
–22.01
–115.95
–10.07
–150.09
14.51
1.22
1760
–12.21
123.77
13.60
32.36
–22.30
–119.76
–9.51
–158.23
14.39
1.24
1820
–11.77
120.88
13.31
27.42
–22.49
–123.59
–9.02
–165.81
14.19
1.26
1880
–11.38
117.51
13.02
23.82
–22.74
–127.66
–8.65
–172.96
13.98
1.29
1940
–10.95
114.44
12.83
19.28
–23.04
–131.54
–8.28
179.92
13.89
1.31
2000
–10.57
110.59
12.51
15.92
–23.17
–134.66
–7.97
172.64
13.66
1.34
2060
–10.19
106.94
12.46
12.13
–23.59
–139.47
–7.71
166.43
13.71
1.36
2120
–9.78
103.11
12.20
7.92
–23.73
–141.66
–7.49
159.51
13.53
1.38
2180
–9.44
99.15
12.20
4.71
–23.99
–146.81
–7.32
153.38
13.62
1.39
2240
–9.02
95.22
12.10
–0.60
–24.32
–149.09
–7.17
146.92
13.60
1.41
2300
–8.67
91.22
12.07
–5.36
–24.53
–152.92
–7.05
140.33
13.66
1.41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com