Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2164 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2164
Description  50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2164 Datasheet(HTML) 4 Page - Linear Technology

  LTC2164 Datasheet HTML 1Page - Linear Technology LTC2164 Datasheet HTML 2Page - Linear Technology LTC2164 Datasheet HTML 3Page - Linear Technology LTC2164 Datasheet HTML 4Page - Linear Technology LTC2164 Datasheet HTML 5Page - Linear Technology LTC2164 Datasheet HTML 6Page - Linear Technology LTC2164 Datasheet HTML 7Page - Linear Technology LTC2164 Datasheet HTML 8Page - Linear Technology LTC2164 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC6431-15
4
643115f
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Frequency = 300MHz
S21
Power Gain
De-Embedded to Package
15.5
dB
OIP3
Output Third-Order Intercept Point
POUT = 2dBm/Tone, Δf = 1MHz
A-Grade
B-Grade
46.5
45.5
dBm
dBm
IM3
Third-Order Intermodulation
POUT = 2dBm/Tone, Δf = 1MHz
A-Grade
B-Grade
–89.0
–87.0
dBc
dBc
HD2
Second Harmonic Distortion
POUT = 6dBm
–60.0
dBc
HD3
Third Harmonic Distortion
POUT = 6dBm
–86.0
dBc
P1dB
Output 1dB Compression Point
20.6
dBm
NF
Noise Figure
De-Embedded to Package
3.41
dB
Frequency = 380MHz
S21
Power Gain
De-Embedded to Package
15.4
dB
OIP3
Output Third-Order Intercept Point
POUT = 2dBm/Tone, Δf = 1MHz
A-Grade
B-Grade
46.0
45.0
dBm
dBm
IM3
Third-Order Intermodulation
POUT = 2dBm/Tone, Δf = 1MHz
A-Grade
B-Grade
–88.0
–86.0
dBc
dBc
HD2
Second Harmonic Distortion
POUT = 6dBm
–57.0
dBc
HD3
Third Harmonic Distortion
POUT = 6dBm
–87.0
dBc
P1dB
Output 1dB Compression Point
20.6
dBm
NF
Noise Figure
De-Embedded to Package
3.48
dB
Frequency = 500MHz
S21
Power Gain
De-Embedded to Package
15.3
dB
OIP3
Output Third-Order Intercept Point
POUT = 2dBm/Tone, Δf = 1MHz
A-Grade
B-Grade
44.5
43.5
dBm
dBm
IM3
Third-Order Intermodulation
POUT = 2dBm/Tone, Δf = 1MHz
A-Grade
B-Grade
–85.0
–83.0
dBc
dBc
HD2
Second Harmonic Distortion
POUT = 6dBm
–55.6
dBc
HD3
Third Harmonic Distortion
POUT = 6dBm
–77.0
dBc
P1dB
Output 1dB Compression Point
20.6
dBm
NF
Noise Figure
De-Embedded to Package
3.60
dB
Frequency = 600MHz
S21
Power Gain
De-Embedded to Package
15.3
dB
OIP3
Output Third-Order Intercept Point
POUT = 2dBm/Tone, Δf = 1MHz
A-Grade
B-Grade
41.5
40.5
dBm
dBm
IM3
Third-Order Intermodulation
POUT = 2dBm/Tone, Δf = 1MHz
A-Grade
B-Grade
–79.0
–77.0
dBc
dBc
HD2
Second Harmonic Distortion
POUT = 6dBm
–53.6
dBc
HD3
Third Harmonic Distortion
POUT = 6dBm
–69.0
dBc
P1dB
Output 1dB Compression Point
20.6
dBm
NF
Noise Figure
De-Embedded to Package
3.67
dB
ac elecTrical characTerisTics T
A = 25°C (Note 3), VCC = 5V, ZSOURCE = ZLOAD = 50Ω, unless otherwise
noted. Measurements are performed using Test Circuit A, measuring from 50Ω SMA to 50Ω SMA without de-embedding (Note 4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com