Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3340LF Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3340LF
Description  CABLE ASSEMBLY RG393/U HN MALE TO HN MALE(LEAD FREE)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3340LF Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3340LF Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SCALE N/A
DWG TITLE
CAD FILE
147
FSCM NO. 53919
REV. A
DES.
NOTES:
1. UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL.
2. ALL SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE AT ANY TIME.
021308
SIZE A
3. DIMENSIONS ARE IN INCHES.
4. LENGTH TOLERANCE IS ± 1.5% OR 10mm, WHICHEVER IS GREATER.
Standard Lengths
-12
-24
-36
-48
-60
-XXX
12''
24"
36"
48"
60"
Custom Length in inches
COMPONENTS
IMPEDANCE
HN MALE
RG393/U
HN MALE
PE3340LF-XX
CABLE ASSEMBLY, RG393/U, HN MALE
TO HN MALE (LEAD FREE)
50 OHM
50 OHM
50 OHM
HN
MALE
HN
MALE


Similar Part No. - PE3340LF

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE3340 PEREGRINE-PE3340 Datasheet
141Kb / 12P
3.0 GHz Integer-N PLL for Low Phase Noise Applications
logo
Pasternack Enterprises,...
PE33401 PASTERNACK-PE33401 Datasheet
137Kb / 1P
CABLE ASSEMBLY RG179B/U 75 OHM BNC MALE TO 75 OHM BNC MALE
PE33401LF PASTERNACK-PE33401LF Datasheet
280Kb / 1P
CABLE ASSEMBLY RG179B/U 75 OHM BNC MALE TO 75 OHM BNC MALE(LEAD FREE)
PE33403 PASTERNACK-PE33403 Datasheet
137Kb / 1P
CABLE ASSEMBLY RG216/U 75 OHM BNC MALE TO 75 OHM BNC MALE
PE33403LF PASTERNACK-PE33403LF Datasheet
133Kb / 1P
Cable Assembly
More results

Similar Description - PE3340LF

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3095LF PASTERNACK-PE3095LF Datasheet
146Kb / 1P
CABLE ASSEMBLY RG214/U HN MALE TO HN MALE(LEAD FREE)
PE33938LF PASTERNACK-PE33938LF Datasheet
272Kb / 1P
CABLE ASSEMBLY RG400/U HN MALE TO HN MALE(LEAD FREE)
PE34434LF PASTERNACK-PE34434LF Datasheet
271Kb / 1P
CABLE ASSEMBLY RG141A/U HN MALE TO HN MALE(LEAD FREE)
PE33370LF PASTERNACK-PE33370LF Datasheet
273Kb / 1P
CABLE ASSEMBLY RG217/U HN MALE TO HN MALE(LEAD FREE)
PE3038LF-12 PASTERNACK-PE3038LF-12 Datasheet
89Kb / 1P
cable assembly, rg142b/u, hn male to hn male(lead free)
PE3038LF-24 PASTERNACK-PE3038LF-24 Datasheet
89Kb / 1P
cable assembly, rg142b/u, hn male to hn male(lead free)
PE3038LF-36 PASTERNACK-PE3038LF-36 Datasheet
89Kb / 1P
cable assembly, rg213b/u, hn male to hn male(lead free)
PE3038LF-48 PASTERNACK-PE3038LF-48 Datasheet
89Kb / 1P
cable assembly, rg213b/u, hn male to hn male(lead free)
PE3038LF-60 PASTERNACK-PE3038LF-60 Datasheet
100Kb / 1P
cable assembly, rg213b/u, hn male to hn male(lead free)
PE3083LF PASTERNACK-PE3083LF Datasheet
147Kb / 1P
cable assembly, rg142b/u, hn male to hn male(lead free)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com