Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4418 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # ACT4418
Description  ACT4418 Molded Dual Variable Amplitude Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4418 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  ACT4418 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4418 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4418 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4418 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4418 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4418 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4418 Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CIRCUIT TECHNOLOGY
www.aeroflex.com/act1.htm
eroflex Circuit T
echnology – Data Bus Modules For The Future © SCD4418D REV A 9/24/97
Features
• ACT4418 Dual Transceivers meets
MIL-STD-1553A&B, Macair A3818,
A4905, A5232 and A5690 Specs
• ±12 Volt Power Supply Operation
• Voltage source output for higher bus
drive power
• Molded Plug-in package
• Monolithic construction using linear
ASICs
• Variable TX Amplitude
• Processed and Screened to Mil-STD-883
Specs for Industrial temperature range
General Description
The Aeroflex Circuit Technology
ACT4418D
is
a
new
generation
monolithic transceivers which provide
full compliance with Macair and MIL-
STD-1553 data bus requirements
while providing variable amplitude
control.
The ACT4418D performs the front-
end analog function of inputting and
outputting data through a transformer
to a MIL-STD-1553 or Macair data
bus. The ACT4418D can be consid-
ered a "Universal" Transceiver in that
it is compatible with MIL-STD-1553A,
B, Macair A-3818, A-4905, A-5232
and A-5690.
Design
of
these
transceivers
reflects particular attention to active
filter performance.This results in low
bit and word error rate with superior
waveform purity and minimal zero
crossover distortion. The ACT4418D
active filter design has additional high
frequency
roll-off
to
provide
the
required
Macair
low
harmonic
distortion
waveform
without
increasing
the
pulse
delay
characteristics significantly.
Efficient transmitter electrical and
thermal design provides low internal
power dissipation and heat rise at
high and well as low duty cycles.
Variable amplitude is adjusted with
0–10 Vdc on the control pin.
Transmitter:
The Transmitter section accepts bi-
phase TTL data at the input and
when coupled to the data bus with a
1:1 transformer, isolated on the data
bus side with two 52.5 Ohm fault iso-
lation resistors, and loaded by two 70
Block Diagram (without Transformer)
SHAPING
OUTPUT
STAGE
COMP.
COMP.
ACTIVE
FILTER
INPUT
AMP
DRIVER
TX DATA IN
TX DATA IN
TX INHIBIT
+5V
RX DATA IN
RX DATA IN
STROBE
TX DATA OUT
TX DATA OUT
RX DATA OUT
RX DATA OUT
-12V
+12V
V+
V-
AMP CONTROL
One Channel
GROUND
ACT4418 Molded Dual Variable Amplitude Transceivers
& MIL-STD-1553
for MACAIR A3818, A5690, A5232, A4905


Similar Part No. - ACT4418

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT4419 AEROFLEX-ACT4419 Datasheet
90Kb / 6P
Single Supply Variable Amplitude Transceivers for MIL-STD-1553
ACT4419D AEROFLEX-ACT4419D Datasheet
78Kb / 6P
Dual Variable Amplitude Transceivers for MIL-STD-1553
ACT4419DF AEROFLEX-ACT4419DF Datasheet
78Kb / 6P
Dual Variable Amplitude Transceivers for MIL-STD-1553
ACT4419FP AEROFLEX-ACT4419FP Datasheet
90Kb / 6P
Single Supply Variable Amplitude Transceivers for MIL-STD-1553
More results

Similar Description - ACT4418

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT4419D AEROFLEX-ACT4419D Datasheet
78Kb / 6P
Dual Variable Amplitude Transceivers for MIL-STD-1553
ACT4454 AEROFLEX-ACT4454 Datasheet
173Kb / 8P
ACT 4454 / 4460 Single Supply Transceivers for MIL-STD-1553A/B & MacAir A3818, A4905, A5232 & A5690
ACT4808 AEROFLEX-ACT4808 Datasheet
106Kb / 8P
ACT4808 DUAL TRANSCEIVERS FOR MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4404 AEROFLEX-ARX4404 Datasheet
95Kb / 6P
ARX4404 & 4407 Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4418 AEROFLEX-ARX4418 Datasheet
85Kb / 6P
ARX 4418 & 4417 Variable Amplitude Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4808 AEROFLEX-ARX4808 Datasheet
141Kb / 6P
VARX4808 Dual Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4810 AEROFLEX-ARX4810 Datasheet
91Kb / 6P
ARX4810 & 4810FP Universal Dual Transceivers for MIL-STD-1553 & MACAIR A3818, A5690, A5232 & A4905
ACT4404N AEROFLEX-ACT4404N Datasheet
165Kb / 8P
Single Transceiver for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553 & SAE-AS15531
ACT4404N AEROFLEX-ACT4404N_07 Datasheet
165Kb / 9P
Single Transceiver for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553 & SAE-AS15531
ACT4808N AEROFLEX-ACT4808N Datasheet
142Kb / 9P
Dual Transceivers for MACAIR (A3818, A4905, A5232, A5690) and MIL-STD-1553A/B
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com