Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4418 Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # ACT4418
Description  ACT4418 Molded Dual Variable Amplitude Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4418 Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  ACT4418 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4418 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4418 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4418 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4418 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4418 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4418 Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Aeroflex Circuit Technology
SCD4418D Rev A 9/24/97 Plainview NY (516) 694-6700
3
Absolute Maximum Ratings
Operating case temperature
-40°C to +85°C
Storage case temperature
-65°C to +150 °C
Power supply Voltages
±12 V P.S. to ±15V MAX
+5 V P.S. to +7V MAX
Logic input Voltage
-0.3 V to +5.5 V
Receiver differential input
±40 V
Receiver input voltage (common mode)
±10V
Transmitter peak output current
110 mA
Total package power dissipation over the full operating
case temperature range (100% duty cycle)
1.65 mW
TJ Maximum
150°C
Maximum junction to air temperature rise
(100 % duty cycle)
60°C
Maximum Junction-Air thermal resistance for free air
36°C/W
Electrical Characteristics, Transmitter Section
Input Characteristics, TX DATA in or TX DATA in
Parameter
Condition
Symbol
Min
Typ
Max
Unit
"0" Input Current
VIN = 0.4 V
IILD
-0.2
-0.4
mA
"1" Input Current
VIN = 2.7 V
IIHD
1.0
40
µA
"0" Input Voltage
VIHD
0.7
V
"1" Input Voltage
VIHD
2.0
V
Inhibit Characteristics
"0" Input Current
VIN = 0.4V
IILI
-0.2
-0.4
mA
"1" Input Current
VIN = 2.7V
IIHI
1.0
40
µA
"0" Input Voltage
VILI
0.7
V
"1" Input Voltage
VIHI
2
V
Delay from TX inhibit(0¡1) to inhibited output
Note 1
tDXOFF
400
500
nS
Delay from TX inhibit, (1¡0) to active output
Note 1
tDXON
400
500
nS
Differential output noise, inhibit mode
VNOI
0.8
10
mV p-p
Differential output impedance (inhibited)
Note 2
ZOI
2K
Ω
Output Characteristics
Differential output level at point B–B’ Fig 5,
Vcont = 10 Vdc, See Fig 3 for control volt-
age versus output level
RL = 140 Ω
VO
28
30
36
V p-p
Rise and fall times
(10% to 90% of p-p output)
tr
200
250
300
nS
Output offset at point A-A’on Fig 5, 2.5 µS
after midpoint crossing of the parity bit of
the last word of a 660 µS message
RL = 35 Ω
VOS
±90
mV peak
Delay from 50% point of TX DATA or TX
DATA input to zero crossing of differential
signal. (note 1.)
tDTX
330
450
nS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com